Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 9Page - Texas Instruments TLC5926IPWPR Datasheet HTML 10Page - Texas Instruments TLC5926IPWPR Datasheet HTML 11Page - Texas Instruments TLC5926IPWPR Datasheet HTML 12Page - Texas Instruments TLC5926IPWPR Datasheet HTML 13Page - Texas Instruments TLC5926IPWPR Datasheet HTML 14Page - Texas Instruments TLC5926IPWPR Datasheet HTML 15Page - Texas Instruments TLC5926IPWPR Datasheet HTML 16Page - Texas Instruments TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
SDO
VDD
R-EXT
OE(ED2)
LE(ED1)
CLK
SDI
CONTROL
LOGIC
I/O REGULATOR
CONFIGURATION
LATCHES
OUTPUT DRIVER and
ERROR DETECTION
16-BIT SHIFT
REGISTER
8
16
8
16
16
16
OUT15
OUT14
OUT0
OUT1
16-BIT OUTPUT
LATCH
TLC5926, TLC5927
www.ti.com
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
9 Detailed Description
9.1 Overview
The TLC592x is designed for LED displays and LED lighting applications with open-load, shorted-load, and
overtemperature detection, and constant-current control. The TLC592x contains a 16-bit shift register and data
latches, which convert serial input data into parallel output format. At the TLC592x output stage, 16 regulated-
current ports provide uniform and constant current for driving LEDs within a wide range of VF (Forward Voltage)
variations. Used in systems designed for LED display applications (e.g., LED panels), TLC592x provides great
flexibility and device performance. Users can adjust the output current from 5 mA to 120 mA through an external
resistor, Rext, which gives flexibility in controlling the light intensity of LEDs. TLC592x is designed for up to 17 V
at the output port. The high clock frequency, 30 MHz, also satisfies the system requirements of high-volume data
transmission.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Open-Circuit Detection Principle
The LED Open-Circuit Detection compares the effective current level IOUT with the open load detection threshold
current IOUT,Th. If IOUT is below the IOUT,Th threshold, the TLC592x detects an open-load condition. This error
status can be read as an error status code in the Special mode. For open-circuit error detection, a channel must
be on.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com