Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments TLC5926IPWPR Datasheet HTML 21Page - Texas Instruments TLC5926IPWPR Datasheet HTML 22Page - Texas Instruments TLC5926IPWPR Datasheet HTML 23Page - Texas Instruments TLC5926IPWPR Datasheet HTML 24Page - Texas Instruments TLC5926IPWPR Datasheet HTML 25Page - Texas Instruments TLC5926IPWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TLC5926, TLC5927
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
Table 6. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUES
No. of LED strings
16
No. of LEDs per string
3
LED current (mA)
20
Forward voltage of each LED (V)
3.5
Junction-to-ambient thermal resistance (°C/W)
40
Ambient temperature of application (°C)
115
VDD (V)
5
IDD (mA)
17
Max operating junction temperature (°C)
150
10.2.2 Detailed Design Procedure
TJ = TA + θJA × PD_TOT
where
•
TJ is the junction temperature
•
TA is the ambient temperature
•
θJA is the junction-to-ambient thermal resistance
•
PD_TOT is the total power dissipation in the IC
(12)
space
PD_TOT = PD_CS + IDD × VDD
where
•
PD_CS is the power dissipation in the LED current sinks
•
IDD is the IC supply current
•
VDD is the IC supply voltage
(13)
space
PD_CS = IO × VO × nCH
where
•
IO is the LED current
•
VO is the voltage at the output pin
•
nCH is the number of LED strings
(14)
space
VO = VLED – (nLED × VF)
where
•
VLED is the voltage applied to the LED string
•
nLED is the number of LEDs in the string
•
VF is the forward voltage of each LED
(15)
space
VO should not be too high as this will cause excess power dissipation inside the current sink. However, VO
should also not be loo low as this will not allow the full LED current (refer to the output voltage vs. output current
graph). With VLED = 12 V:
VO = 12 V – (3 × 3.5 V) = 1.5 V
(16)
PD_CS = 20 mA × 1.5 V × 16 = 0.48 W
(17)
Using PD_CS, calculate:
PD_TOT = PD_CS + IDD × VDD = 0.48 W + 0.017 A × 5 V = 0.565 W
(18)
Using PD_TOT, calculate:
22
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com