Electronic Components Datasheet Search
  English  ▼

X  

IS25LP032 Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
12
Rev. D
10/03/2014
6. REGISTERS
The IS25LP032/064/128 has three sets of Registers: Status, Function and Read.
6.1 STATUS REGISTER
Status Register Format and Status Register Bit Definitions are described in Tables 6.1 & 6.2.
Table 6.1 Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRWD
QE
BP3
BP2
BP1
BP0
WEL
WIP
Default (Flash bit)
0
0
0
0
0
0
0
0
Table 6.2 Status Register Bit Definition
Bit
Name
Definition
Read-
/Write
Non-Volatile
bit
Bit 0
WIP
Write In Progress Bit:
"0" indicates the device is ready(default)
"1" indicates a write cycle is in progress and the device is busy
R
No
Bit 1
WEL
Write Enable Latch:
"0" indicates the device is not write enabled (default)
"1" indicates the device is write enabled
R/W
No
Bit 2
BP0
Block Protection Bit: (See Tables 6.3 for details)
"0" indicates the specific blocks are not write-protected (default)
"1" indicates the specific blocks are write-protected
R/W
Yes
Bit 3
BP1
Bit 4
BP2
Bit 5
BP3
Bit 6
QE
Quad Enable bit:
“0” indicates the Quad output function disable (default)
“1” indicates the Quad output function enable
R/W
Yes
Bit 7
SRWD
Status Register Write Disable: (See Table 7.1 for details)
"0" indicates the Status Register is not write-protected (default)
"1" indicates the Status Register is write-protected
R/W
Yes
The BP0, BP1, BP2, BP3, SRWD, and QE are non-volatile memory cells that can be written by a Write Status
Register (WRSR) instruction. The default value of the BP2, BP1, BP0, and SRWD bits were set
to “0” at factory.
The Status Register can be read by the Read Status Register (RDSR).
The function of Status Register bits are described as follows:
WIP bit: The Write In Progress (WIP) bit is read-only, and can be used to detect the progress or completion of a
program or erase operation. When the WIP bit is “0”, the device is ready for write status register, program or
erase operation. When the WIP bit is “1”, the device is busy.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal write enable latch. When the
WEL is “0”, the write enable latch is disabled and all write operations, including write status register, write
configuration register, page program, sector erase, block and chip erase operations are inhibited. When the
W
EL bit is “1”, write operations are allowed. The WEL bit is set by a Write Enable (WREN) instruction. Each
write register, program and erase instruction must be preceded by a WREN instruction. The WEL bit can be
reset by a Write Disable (WRDI) instruction. It will automatically reset after the completion of any write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com