Electronic Components Datasheet Search
  English  ▼

X  

IS25LP032 Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
17
Rev. D
10/03/2014
Table 6.9 Read Dummy Cycles.
Read Modes
P4,P3 = 00
(Default)
P4,P3 = 01
P4,P3 = 10
P4,P3 = 11
Max Freq
Mode
Normal Read
03h
0
0
0
0
50MHz
SPI
Fast read
0Bh
8
8
8
8
133MHz
SPI
Fast read
0Bh
6
4
8
10
4cc : 84MHz
6cc : 104MHz
8cc/10cc : 133MHz
QPI
Dual IO Read
(1)
BBh
4
4
8
4
4cc : 104MHz
8cc : 133MHz
SPI
Fast Read Dual Output
3Bh
8
8
8
8
133MHz
SPI
Quad IO Read
(2)
EBh
6
4
8
10
4cc : 84MHz
6cc : 104MHz
8cc/10cc : 133MHz
SPI , QPI
Notes:
1. When 4 dummy cycles are used the max clock frequency is 104MHz; when 8 dummy cycles are used the max
clock frequency is 133MHz.
2. When 4 dummy cycles are used the max clock frequency is 84MHz; when 6 dummy cycles are used the max clock
frequency is 104MHz; when 8 or 10 dummy cycles are used the max clock frequency is 133MHz.
3. In SPI DTR mode the dummy cycles are reduced by half.
4. Dummy cycles in the table are including Mode bit cycles.
Table 6.10 Driver Strength Table
ODS2
ODS1
ODS0
Description
Remark
0
0
0
Reserved
0
0
1
12.50%
0
1
0
25%
0
1
1
37.50%
1
0
0
Reserved
1
0
1
75%
1
1
0
100%
1
1
1
50%
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com