Electronic Components Datasheet Search
  English  ▼

X  

IS25LP032 Datasheet(PDF) 20 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 20 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 24Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
20
Rev. D
10/03/2014
Instruction
Name
Operation
Total
Bytes
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
WRFR
Write Function
Register
2
SPI
QPI
42h
WFR
Data
QIOEN
Enter
QPI mode
1
SPI
35h
QIODI
Exit
QPI mode
1
QPI
F5h
PERSUS
Suspend during
program/erase
1
SPI
QPI
75h
B0h
PERRSM
Resume
program/erase
1
SPI
QPI
7Ah
30h
DP
Deep Power
Down
1
SPI
QPI
B9h
RDID
(5),
RDPD
Read ID /
Release
Power Down
4
SPI
QPI
ABh
XXh
(3)
XXh
(3)
XXh
(3)
ID7-ID0
SRP
Set Read
Parameters
4
SPI
QPI
C0h
Data in
RDJDID
(5)
Read JEDEC
ID Command
1
SPI
9Fh
MF7-MF0
ID15-ID8
ID7-ID0
RDMDID
(5)
Read
Manufacturer
& Device ID
4
SPI
QPI
90h
XXh
(3)
XXh
(3)
00h
MF7-MF0
ID7-ID0
01h
ID7-ID0
MF7-MF0
RDJDIDQ
(5)
Read JEDEC ID
QPI mode
4
QPI
AFh
MF7-MF0
ID15-ID8
ID7-ID0
RDUID
Read
Unique ID
4
SPI
QPI
4Bh
A
(4)
<23:16>
A
(4)
<15:8>
A
(4)
<7:0>
Dummy
Byte
Data out
RDSFDP
SFDP Read
5
SPI
QPI
5Ah
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
RSTEN
Software
Reset
Enable
1
SPI
QPI
66h
RST
Software Reset
1
SPI
QPI
99h
IRER
Erase
Information
Row
4
SPI
QPI
64h
A
<23:16>
A
<15:8>
A
<7:0>
IRP
Program
Information
Row
4
+ 256
SPI
QPI
62h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
IRRD
Read
Information
Row
4
SPI
QPI
68h
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
SECUN-
LOCK
Sector Unlock
4
SPI
QPI
26h
A
<23:16>
A
<15:8>
A
<7:0>
SECLOCK
Sector Lock
1
SPI
QPI
24h
Notes:
1. The number of dummy cycles depends on the value setting in the Table 6.9 Read Dummy Cycles.
2.
AXh has to be counted as a part of dummy cycles. X means “don’t care”.
3.
XX means “don’t care”.
4. A<23:9> are
“don’t care” and A<8:4> are always “0”.
5. The maximum clock frequency is 104MHz for Vcc=2.3V~2.7V and 133MHz for Vcc=2.7V~3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com