Electronic Components Datasheet Search
  English  ▼

X  

IS25LP032 Datasheet(PDF) 81 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 81 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 85Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
81
Rev. D
10/03/2014
9.8 PROGRAM/ERASE PERFORMANCE
Parameter
Unit
Typ
Max
Sector Erase Time (4Kbyte)
ms
45
300
Block Erase Time (32Kbyte)
s
0.15
0.75
Block Erase Time (64Kbyte)
s
0.3
1.5
Chip Erase Time (32Mb/64Mb/128Mb)
s
8/16/30
23/45/90
Page Programming Time
ms
0.2
1.0
Byte Program
µs
8
40
Note: These parameters are characterized and not 100% tested.
9.9 RELIABILITY CHARACTERISTICS
Parameter
Min
Unit
Test Method
Endurance
100,000
Cycles
JEDEC Standard A117
Data Retention
20
Years
JEDEC Standard A103
ESD
– Human Body Model
2,000
Volts
JEDEC Standard A114
ESD
– Machine Model
200
Volts
JEDEC Standard A115
Latch-Up
100 + ICC1
mA
JEDEC Standard 78
Note: These parameters are characterized and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com