Electronic Components Datasheet Search
  English  ▼

X  

IS25LP032 Datasheet(PDF) 56 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 56 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 60Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
56
Rev. D
10/03/2014
8.26 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h)
The Read Product Identification (RDID) instruction allows the user to read the manufacturer and product ID of
devices. Refer to Table 8.3 Product Identification for manufacturer ID and device ID. The RDID instruction code
is followed by two dummy bytes and one byte address (A7~A0), each bit being latched-in on SI during the rising
edge of SCK. If one byte address is initially set as A0 = 0, then the manufacturer ID (9Dh) is shifted out on SO
with the MSB first followed by the device ID7- ID0. Each bit shifted out during the falling edge of SCK. If one
byte address is initially set as A0 = 1, then Device ID7-ID0 will be read first followed by the Manufacture ID
(9Dh). The manufacture and device ID can be read continuously alternating between the two until CE# is driven
high.
Figure 8.44 Read Product Identification by RDMDID READ Sequence
Instruction = 90h
Manufacturer ID
(MF7-MF0)
CE #
SCK
SI
Device ID
(ID7-ID0)
SO
Data Out
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
tV
Notes:
1. ADDRESS A0 = 0, will output the 1-byte Manufacture ID (MF7-MF0)
1-byte device ID (ID7-ID0)
ADDRESS A0 = 1, will output the 1-byte device ID (ID7-ID0)
1-byte Manufacture ID (MF7-MF0)
2. The Manufacture and Device ID can be read continuously and will alternate from one to the other until CE# pin is pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com