Electronic Components Datasheet Search
  English  ▼

X  

IS25LP032 Datasheet(PDF) 90 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 90 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 90Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 90 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
90
Rev. D
10/03/2014
Notes:
1. A* = A1, A2, A3: Meets AEC-Q100 requirements with PPAP, V = Hybrid Flow non-Auto qualified
Temp Grades: E = -40 to 105 C, V = -40 to 125 C, A1 = -40 to 85 C, A2 = -40 to 105 C, A3 = -40 to 125 C
2. For Reset# pin option instead of Hold# pin, call Factory
Density
Frequency (MHz)
Order Part Number
(1)
Package
(2)
128Mb
133
IS25LP128-JBLE
IS25LP128-JBLV
8-pin SOIC 208mil
IS25LP128-JKLE
IS25LP128-JKLV
8-pin WSON (6x5mm)
IS25LP128-JLLE
IS25LP128-JLLV
8-pin WSON (6x8mm)
IS25LP128-JFLE
IS25LP128-JFLV
8-pin VSOP 208mil
IS25LP128-JMLE
IS25LP128-JMLV
16-pin 300mil
IS25LP128-JGLE
IS25LP128-JGLV
24-ball TFBGA (6x8mm)
IS25LP128-JBLA*
8-pin SOIC 208mil
IS25LP128-JKLA*
8-pin WSON (6x5mm) (Call Factory)
IS25LP128-JLLA*
8-pin WSON (6x8mm) (Call Factory)
IS25LP128-JFLA*
8-pin VSOP 208mil (Call Factory)
IS25LP128-JMLA*
16-pin 300mil (Call Factory)
IS25LP128-JGLA*
24-ball TFBGA (6x8mm) (Call Factory)
IS25LP128-JWLE
KGD (Call Factory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com