Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 136 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 136 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 132Page - SPANSION MB9B320TA Datasheet HTML 133Page - SPANSION MB9B320TA Datasheet HTML 134Page - SPANSION MB9B320TA Datasheet HTML 135Page - SPANSION MB9B320TA Datasheet HTML 136Page - SPANSION MB9B320TA Datasheet HTML 137Page - SPANSION MB9B320TA Datasheet HTML 138Page - SPANSION MB9B320TA Datasheet HTML 139Page - SPANSION MB9B320TA Datasheet HTML 140Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 141 page
background image
DataS h eet
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
133
CONFIDENTIAL
192-ball plastic FBGA
Ball pitch
0.80 mm
Package width ×
package length
12.00 mm × 12.00 mm
Lead shape
Ball
Sealing method
Plastic mold
Mounting height
1.45 mm Max.
Weight
0.34 g
192-ball plastic FBGA
(BGA-192P-M06)
(BGA-192P-M06)
C
12.00±0.10
(.472±.004)
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
M
S AB
B
REF
0.80(.031)
9
10
N
A
0.80(.031)
REF
192-ø0.45±0.10
(192-ø.018±.004)
ø0.08(.003)
0.20(.008) S A
S
S
0.10(.004)
(Stand off)
(.014±.004)
0.35±0.10
(Seated height)
1.25±0.20
(.049±.008)
0.20(.008) S B
12.00±0.10(.472±.004)
13
12
11
INDEX
(INDEX AREA)
10.40(.409)REF
10.40(.409)
REF
14
P
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
2008-2010 FUJITSU SEMICONDUCTOR LIMITED B192006S-c-1-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com