Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 137 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 137 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 133Page - SPANSION MB9B320TA Datasheet HTML 134Page - SPANSION MB9B320TA Datasheet HTML 135Page - SPANSION MB9B320TA Datasheet HTML 136Page - SPANSION MB9B320TA Datasheet HTML 137Page - SPANSION MB9B320TA Datasheet HTML 138Page - SPANSION MB9B320TA Datasheet HTML 139Page - SPANSION MB9B320TA Datasheet HTML 140Page - SPANSION MB9B320TA Datasheet HTML 141Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 137 / 141 page
background image
D a t a S h e e t
134
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
 Major Changes
Page
Section
Change Results
Revision 0.1
-
-
Initial release
Revision 0.2
-
-
Company name and layout design change
Revision 1.0
-
-
Preliminary → Full Production
2
FEATURES
 External Bus Interface
Added the descriptions as follows
 Maximum area size : Up to 256 Mbytes
3
FEATURES
 A/D Converter
Corrected conversion time
5
FEATURES
 Multi-function Timer
Corrected the channel count of "A/D activation compare"
8
PRODUCT LINEUP
Function
Added the footnote
64
HANDLING DEVICES
 Power supply pins
Added the description
66
BLOCK DIAGRAM
Corrected the figure
67
MEMORY MAP
Memory Map(1)
Corrected the Address of “External Device Area”
77
 ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
Added the Item of “Input Voltage”
79
2. Recommended Operating Conditions
Added the footnote
80 - 82
3.DC Characteristics
(1) Current Rating
 Corrected the Condition
 Corrected the Value
 Corrected the Remarks
 Added the footnote
84
(2) Pin Characteristics
Added the Item of “Inputleak current”
89
4. AC Characteristics
(6) Power-on Reset Timing
 Revised the values of “Time until releasing Power-on reset”
 Corrected the figure
 Corrected the Glossary
108
(9) CSIO Timing
 Synchronous serial (SPI=1, SCINV=1)
Corrected the figure of “MS bit=1”
 External clock (EXT=1):asynchronous only
Corrected the figure
115
5.12-bit A/D Converter
・Electrical characteristics for the A/D converter
 Corrected the Pins name
AN00 - AN23 → ANxx
 Corrected the Min Vale of “Conversion time”
 Corrected the Min Vale of “Sampling time”
 Corrected the Min Value of “Compare clock cycle”
 Corrected the “State Transitontime to operation permission”
 Corrected the footnote
125
9. Electrical characteristics for the A/D
converter
(1) Write / Erase time
Revised the values of “TBD”
126
10. Return Time from Low-Power
Consumption Mode
(1) Return Factor: Interrupt/WKUP
 Return Count Time
Revised the values of “TBD”
128
(2) Return Factor: Reset
 Return Count Time
Revised the values of “TBD”
Revision 2.0
-
-
Changed the series name.
MB9B320T Series -> MB9B320TA Series
-
-
Changed the product name as follows.
MB9BF328SA, MB9BF329SA, MB9BF328TA, MB9BF329TA
2
Features
USB Interface
Added the description of PLL for USB
42 to 49
List of Pin Functions
· List of pin functions
Added LIN to the description of SOTxx
56, 57
I/O Circuit Type
Added about +B input
68
Memory Map
· Memory map(2)
Added the summary of Flash memory sector
77, 78
Electrical Characteristics
1. Absolute Maximum Ratings
· Added the Clamp maximum current
· Added about +B input
80, 81
Electrical Characteristics
3. DC Characteristics
(1) Current rating
· Changed the expression of condition
· Added Main TIMER mode current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com