Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9690
Description  14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9690 Datasheet HTML 8Page - Analog Devices AD9690 Datasheet HTML 9Page - Analog Devices AD9690 Datasheet HTML 10Page - Analog Devices AD9690 Datasheet HTML 11Page - Analog Devices AD9690 Datasheet HTML 12Page - Analog Devices AD9690 Datasheet HTML 13Page - Analog Devices AD9690 Datasheet HTML 14Page - Analog Devices AD9690 Datasheet HTML 15Page - Analog Devices AD9690 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
AD9690
Data Sheet
Pin No.
Mnemonic
Type
Description
CMOS Outputs
17
FD
Output
Fast Detect Output.
32
DNC
DNC
Do Not Connect.
Digital Inputs
20, 21
SYNCINB−, SYNCINB+
Input
Active Low JESD204B LVDS Sync Input True/Complement.
58, 59
SYSREF+, SYSREF−
Input
Active High JESD204B LVDS System Reference Input
True/Complement.
Data Outputs
22, 23
SERDOUT0−, SERDOUT0+
Output
Lane 0 Output Data Complement/True.
24, 25
SERDOUT1−, SERDOUT1+
Output
Lane 1 Output Data Complement/True.
26, 27
SERDOUT2−, SERDOUT2+
Output
Lane 2 Output Data Complement/True.
28, 29
SERDOUT3−, SERDOUT3+
Output
Lane 3 Output Data Complement/True.
Device Under Test (DUT)
Controls
14
PDWN/STBY
Input
Power-Down Input (Active High). The operation of this pin
depends on the SPI mode and can be configured as power-
down or standby.
35
SDIO
Input/Output
SPI Serial Data Input/Output.
36
SCLK
Input
SPI Serial Clock.
37
CSB
Input
SPI Chip Select (Active Low).
1
To ensure proper ADC operation, connect AVDD1_SR and AGND separately from the AVDD1 and EPAD connection. For more information, refer to the Applications
Information section.
Rev. 0 | Page 12 of 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com