Electronic Components Datasheet Search
  English  ▼

X  

AD9690 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9690
Description  14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9690 Datasheet HTML 12Page - Analog Devices AD9690 Datasheet HTML 13Page - Analog Devices AD9690 Datasheet HTML 14Page - Analog Devices AD9690 Datasheet HTML 15Page - Analog Devices AD9690 Datasheet HTML 16Page - Analog Devices AD9690 Datasheet HTML 17Page - Analog Devices AD9690 Datasheet HTML 18Page - Analog Devices AD9690 Datasheet HTML 19Page - Analog Devices AD9690 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
AD9690
Data Sheet
–84
–90
–78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
0
INPUT AMPLITUDE (dBFS)
–20
–10
0
10
110
100
90
80
70
60
50
40
30
20
SFDR (dBc)
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
Figure 24. SNR/SFDR vs. Analog Input Level, fIN = 170.3 MHz
TEMPERATURE (°C)
50
100
80
90
70
60
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
SFDR
SNR
Figure 25. SNR/SFDR vs. Temperature, fIN = 170.3 MHz
OUTPUT CODE
–3
3
2
1
0
–1
–2
0
16000
14000
12000
10000
8000
6000
4000
2000
Figure 26. INL, fIN = 10.3 MHz
OUTPUT CODE
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
0
16000
14000
12000
10000
8000
6000
4000
2000
Figure 27. DNL, fIN = 15 MHz
CODE
0
25000
20000
15000
10000
5000
N + 6
N + 5
N + 4
N + 3
N + 2
N + 1
N
N – 1
N – 2
N – 3
N – 4
N – 5
N – 6
2.63 LSB rms
Figure 28. Input-Referred Noise Histogram
SAMPLE RATE (MHz)
700
750
800
850
900
950
1000
1050
1100
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
L = 2, M = 1, F = 1
L = 4, M = 1, F = 1
Figure 29. Power Dissipation vs. Sample Rate (fS)
Rev. 0 | Page 16 of 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com