Electronic Components Datasheet Search
  English  ▼

X  

TAS3103DBT Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 117 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 113Page - Texas Instruments TAS3103DBT Datasheet HTML 114Page - Texas Instruments TAS3103DBT Datasheet HTML 115Page - Texas Instruments TAS3103DBT Datasheet HTML 116Page - Texas Instruments TAS3103DBT Datasheet HTML 117Page - Texas Instruments TAS3103DBT Datasheet HTML 118Page - Texas Instruments TAS3103DBT Datasheet HTML 119Page - Texas Instruments TAS3103DBT Datasheet HTML 120Page - Texas Instruments TAS3103DBT Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 146 page
background image
4−1
4 Electrical Specifications
4.1
Absolute Maximum Ratings Over Operating Temperature Ranges (unless
otherwise noted)†
Supply voltage range:
VDDS
−0.5 to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A_VDDS
−0.5 to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: 3.3-V LVCMOS
−0.5 V to VDDS + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.8-V LVCMOS
−0.5 V to AVDD(1) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO: 3.3-V LVCMOS
−0.5 V to VDDS + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.8-V LVCMOS
−0.5 V to DVDD(2) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.8-V LVCMOS
−0.5 V to AVDD(3) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > DVDD)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > DVDD)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature (Commercial)
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature (Industrial)
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. AVDD is a 1.8-V supply derived from a regulator in the TAS3103 chip. Pin XTALI is the only TAS3103 input that is referenced to this
1.8 V logic supply. The absolute maximum rating listed is for reference; only a crystal should be connected to XTALI.
2. DVDD is a 1.8-V supply derived from regulators internal to the TAS3103 chip. DVDD is routed to pin 29 (DVDD_BYPASS_CAP)
to provide access to external filter capacitors, but should not be used to source power to external devices.
3. Pin XTALO is the only TAS3103 output that is derived from the internal 1.8-V logic supply AVDD. The absolute maximum rating listed
is for reference; only a crystal should be connected to XTALO. AVDD is also routed to pin 6 (AVDD_BYPASS_CAP) to provide access
to external filter capacitors, but should not be used to source power to external devices.
DISSIPATION RATING TABLE (High-k Board, 105
°C Junction)
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
DBT
1.094 W
13.68 mW/
°C
0.478 mW
IDBT
1.094 W
13.68 mW/
°C
0.478 mW
4.2
Recommended Operating Conditions
MIN
NOM
MAX
UNITS
Digital supply voltage, VDDS
3
3.3
3.6
V
Analog supply voltage, A_VDDS
3
3.3
3.6
V
High-level input voltage, VIH
3.3-V LVCMOS
0.7 VDDS
VDDS
V
High-level input voltage, VIH
1.8-V LVCMOS (XTALI)
0.7 AVDD
AVDD
V
Low-level input voltage, VIL
3.3-V LVCMOS
0
0.3 VDDS
V
Low-level input voltage, VIL
1.8-V LVCMOS (XTALI)
0
0.3 AVDD
V
Input voltage, VI
3.3-V LVCMOS
0
VDDS
V
Input voltage, VI
1.8-V LVCMOS (XTALI)
0
AVDD
V
Output voltage, VO
3.3-V LVCMOS
0.8 VDDS
VDDS
V
Output voltage, VO
1.8-V LVCMOS (XTALO)
0.8 AVDD
AVDD
V
Operating ambient air temperature range, TA
Commercial
0
70
°C
Operating ambient air temperature range, TA
Industrial
−40
85
°C
Operating junction temperature range, TJ
Commercial
0
105
°C
Operating junction temperature range, TJ
Industrial
−40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com