Electronic Components Datasheet Search
  English  ▼

X  

TAS3103DBT Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 118 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 114Page - Texas Instruments TAS3103DBT Datasheet HTML 115Page - Texas Instruments TAS3103DBT Datasheet HTML 116Page - Texas Instruments TAS3103DBT Datasheet HTML 117Page - Texas Instruments TAS3103DBT Datasheet HTML 118Page - Texas Instruments TAS3103DBT Datasheet HTML 119Page - Texas Instruments TAS3103DBT Datasheet HTML 120Page - Texas Instruments TAS3103DBT Datasheet HTML 121Page - Texas Instruments TAS3103DBT Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 146 page
background image
4−2
4.3
Electrical Characteristics Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOH
High-level output
3.3-V LVCMOS
IOH = −4 mA
0.8 VDDS
V
VOH
High-level output
voltage
1.8-V LVCMOS (XTALO)
IOH = −0.55 mA
0.8 AVDD
V
VOL
Low-level output voltage
3.3-V LVCMOS
IOL = 4 mA
0.22
VDDS
V
VOL
Low-level output voltage
1.8-V LVCMOS (XTALO)
IOL = 0.75 mA
0.22 AVDD
V
IOZ
High-impedance output
current
3.3-V LVCMOS
±20
µA
IIL
Low-level input
(4)
3.3-V LVCMOS
VI = VIL
±20
A
IIL
Low-level input
current(4)
1.8-V LVCMOS (XTALI)
VI = VIL
±20
µA
IIH
High-level input
(5)
3.3-V LVCMOS
VI = VIH
±20
A
IIH
High-level input
current(5)
1.8-V LVCMOS (XTALI)
VI = VIH
±20
µA
DSP clock = 135 MHz,
LRCLK = 96 kHz
75
MCLKI / XTALI = 12.228 MHz
DSP clock = 67.5 MHz,
LRCLK = 48 kHz
44
mA
DSP clock = 33.75 MHz,
LRCLK = 24 kHz
25
IDVDD
Digital supply current
LRCLK = 48 kHz,
MCLKI/XTALI = 12.288
MHz
3.5
Power down enabled
No LRCLK, SCLK.
MCLKI/XTALI =
12.288 MHz
2.2
mA
No LRCLK, SCLK, or
MCLKI/XTALI
2
DSP clock = 135 MHz,
LRCLK = 96 kHz
2.9
MCLKI / XTALI = 12.228 MHz
DSP clock = 67.5 MHz,
LRCLK = 48 kHz
2.7
mA
IA_DVDD Analog supply current
DSP clock = 33.75 MHz,
LRCLK = 24 kHz
2.4
A_DVDD
Power down enabled
LRCLK = 48 kHz,
MCLKI/XTALI = 12.288
MHz
1.5
mA
Power down enabled
No LRCLK, SCLK, or
MCLKI/XTALI
1.5
mA
NOTES:
4. Value given is for those input pins that connect to an internal pullup resistor as well as an input buffer. For inputs that have a pulldown
resistor or no resistor, IIL is ±1 µA.
5. Value given is for those input pins that connect to an internal pulldown resistor as well as an input buffer. For inputs that have a pullup
resistor or no resistor, IIH is ±1 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com