Electronic Components Datasheet Search
  English  ▼

X  

TAS3103DBT Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 120 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 116Page - Texas Instruments TAS3103DBT Datasheet HTML 117Page - Texas Instruments TAS3103DBT Datasheet HTML 118Page - Texas Instruments TAS3103DBT Datasheet HTML 119Page - Texas Instruments TAS3103DBT Datasheet HTML 120Page - Texas Instruments TAS3103DBT Datasheet HTML 121Page - Texas Instruments TAS3103DBT Datasheet HTML 122Page - Texas Instruments TAS3103DBT Datasheet HTML 123Page - Texas Instruments TAS3103DBT Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 146 page
background image
4−4
4.4.2
Control Signals Over Recommended Operating Conditions (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tw1(L)
Pulse duration, RST low
10
ns
tpd1
Propagation delay, PWRDN high to power down state asserted
See Note 11
µs
tpd2
Propagation delay, PWRDN low to power down state deasserted
See Note 12
µs
NOTES: 11. The maximum worst case value for tpd1 is given by
t
pd1_worst_case +
4096
) GPIOFSCOUNT
LRCLK
)
80
Microprocessor_Clock
12. tpd2 is determined by the time it takes the internal digital PLL to reach a locked condition, which, in turn, is governed by the MCLKI/
XTALI frequency and the PLL output frequency. For a 135-MHz PLL output and an MCLKI value of 24.576 MHz, tpd2 is typically 25 µs.
For an 11.264-MHz PLL output clock and a 1.024-MHz MCLKI/XTALI master clock, tpd2 is typically 360 µs.
PWRDN
tw1(L)
tpd1
tpd2
RST
Figure 4−2. Control Signals Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com