Electronic Components Datasheet Search
  English  ▼

X  

DM137 Datasheet(PDF) 12 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 12 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 16Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 11
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Constant-Current Output
Constant-current value of each output channel is set by an external resistor connected between
the REXT pin and GND. The current scale ranging can be adjusted from 5mA to 90mA by varying
the resistor value. The reference voltage of REXT terminal (Vrext) is approximately 0.6V. The
output current value is calculated by the following equation:
Iout(mA)
5
10
20
30
40
50
60
70
80
90
M
99.7
98.1
96.0
94.2
92.5
90.8
89.1
87.1
85.1
84.4
Output Current as a Function of Rrext value
0
10
20
30
40
50
60
70
80
90
100
01
23
45
678
9
10
11
12
Rrext (KΩ)
Output Current as a Function of Output Voltage
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Vout (V)
In order to obtain a good performance of constant-current output, a suitable output voltage is
necessary. Users can get related information about the minimum output voltage above.
Iout (mA) ~
Vrext (V)
Rrext (KΩ)
× M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com