Electronic Components Datasheet Search
  English  ▼

X  

DM137 Datasheet(PDF) 23 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 23 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 24Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 25Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 26Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 27Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 22
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Package Outline Dimension
DM137-QFN
DIMENSION
(mm)
DIMENSION
(MIL)
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
27.6
29.5
31.5
A1
0
0.02
0.05
0
0.79
1.97
A3
0.25 REF
9.84 REF
b
0.18
0.23
0.30
7.09
9.06
11.81
D
5.00 BSC
196.85 BSC
D2
1.25
2.70
3.25
49.21
106.30
127.95
E
5.00 BSC
196.85 BSC
E2
1.25
2.70
3.25
49.21
106.30
127.95
e
0.50 BSC
19.69 BSC
L
0.30
0.40
0.50
11.81
15.75
19.69
y
0.10
3.94
Note: 1.DIMENSIONING AND TOLERANCING CONFORM TO ASME Y145.5M-1994.
2. REFER TO JEDEC STD. MO-220 WHHD-2 ISSUE A
16
9
17
24
25
32
1
8
BOTTOM VIEW
D2
D
e
b
SEATING PLANE
y C
0.10 C
0.10 M CA B
TOP VIEW
916
817
24
1
32
25
0.25 C
0.25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com