Electronic Components Datasheet Search
  English  ▼

X  

DM137 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  DM137 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Pin Description
PIN No.
PIN NAME
FUNCTION
SSOP28/HSOP28: 1
QFN32: 5
VCC
Supply voltage terminal.
SSOP28/HSOP28: 2
QFN32: 6
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
SSOP28/HSOP28: 3
QFN32: 9
LAT
Input terminal of data strobe. Data on shift register goes through at the rising
edge of LAT (edge trigger). Otherwise, data is latched.
SSOP28/HSOP28: 4
QFN32: 10
CLK
Synchronous clock input terminal for serial data transfer. Data is sampled at the
rising edge of CLK.
SSOP28/HSOP28: 5
QFN32: 11
DAI
Serial data input terminal.
SSOP28/HSOP28: 6
QFN32: 12
OS
Input open/short detection selection:
‘H’ for LED short detection mode,
‘L’ for LED open detection mode,
‘Edge’
*1 for smart detection mode.
SSOP28/HSOP28:
7~22
QFN32: 13~28
OUT0~15
Sink constant-current outputs (open-drain).
SSOP28/HSOP28: 23
QFN32: 29
DAO
Serial data output terminal.
SSOP28/HSOP28: 24
QFN32: 30
ALARM
Output open drain terminal: (connected to a pull-high resistor)
‘H’ for normal conditions,
‘L’ for LED open/short or chip overheated.
SSOP28/HSOP28: 25
QFN32: 31
SDO
Serial data output trigger mode selection:
‘H’ means data is shifted out on synchronization to falling edge of CKO,
‘L’ means data is shifted out on synchronization to rising edge of CKO.
SSOP28/HSOP28: 26
QFN32: 32
REXT
External resistors connected between REXT and GND for output current value
setting.
SSOP28/HSOP28: 27
QFN32: 3
RESERVED Terminal for testing, user should leave this pin open.
SSOP28/HSOP28: 28
Thermal pad
QFN32: 1, 2, 4, 7, 8
Thermal pad
GND
Ground terminal.
*1 Rising edge or falling edge. See detailed description (page 14~16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com