Electronic Components Datasheet Search
  English  ▼

X  

DM137 Datasheet(PDF) 30 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 30 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 24Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 25Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 26Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 27Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 28Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 29Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 30Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 31Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 32Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 29
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
DM137-QFN Package and Weight
QFN32 - 5
×5
Weight
Item
Description
Weight (Kg)
1
2,500 pcs DM137-QFN per Reel
0.76±5%
2
Net Weight of one Box
0.24±5%
3
Net Weight of one Carton
0.90±5%
4
Per Carton Set ( 5 Boxes, 12,500 pcs )
5.90±5%
35cm
Box
Reel
2,500 pcs ICs per Reel
1 Reel per Box
5 Boxes per Carton
36cm
5cm
35cm
QFN
IC
29cm
38cm
Carton
37cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com