Electronic Components Datasheet Search
  English  ▼

X  

DM137 Datasheet(PDF) 20 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 20 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 24Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 19
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Power Dissipation
The power dissipation of a semiconductor chip is limited to its package and ambient
temperature, in which the device requires the maximum output current calculated for given
operating conditions. The maximum allowable power consumption can be calculated by the
following equation:
Pd(max)(Watt) =
Tj(junction temperature)(max)(°C)– Ta(ambient temperature)(°C)
Rth(junction-to-air thermal resistance)(°C/Watt)
The relationship between power dissipation and operating temperature can be refer to the figure
below:
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta(°C)
The power consumption of IC can be determined by the following equation and should be less than
the maximum allowable power dissipation:
Tj(max)=150
°C
Rth(QFN32)=39.3
°C/Watt
Rth(HSOP28)=59.1
°C/Watt
Rth(SSOP28)=113.3
°C/Watt
HSOP28
SSOP28
QFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com