Electronic Components Datasheet Search
  English  ▼

X  

DM137 Datasheet(PDF) 14 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 14 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 18Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 13
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Alarm Function
It can detect the operating status by connecting a pull-high resistor to the open-drain ALARM
pin. The ALARM pin is kept ‘H’ for normal conditions, and shifted to ‘L’ if there is any failure like
LED open/short, overheating or both occurrence. User can determine the different status from the
truth table below:
ALARM
EN
OS
Status
H
L
don’t care
Normal Operation
H
L
L
L
LED Open or Thermal issue
H
L
L
H
LED Short or Thermal issue
H
L
H
don’t care
Thermal Alarm or Shutdown
When the latch is at its rising edge, the ALARM pin will reset to high level and start to detect
once again. It will send out the test result after the next clock pulse. The detection cycle of the alarm
signal will continue until it reaches the rising edge of the latch pulse again. Please see the timing
diagram below:
For actual application, the controller could connect all the ALARM pins with one pull-high
resistor to simplify circuit designs and feedback loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com