Electronic Components Datasheet Search
  English  ▼

X  

DM137 Datasheet(PDF) 19 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 19 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 23Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 18
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Outputs Delay
Large in-rush currents will occur when the system activates all the outputs at once. To reduce
this effect, DM137 is designed to have a constant unit of delay (around 2ns) between outputs. The
delay for every output goes like this: there is no delay for OUT15 and OUT7, 1 unit of delay for
OUT14 and OUT6, 2 units of delay for OUT13 and OUT5 and so on.
Global Brightness Control
DM137 has no built-in global brightness control feature. In order to obtain a lower resolution
of global brightness control effect, two methods could be utilized. One is providing PWM signal
synchronized on latch pulse to modulate the output enable terminal (EN pin). The other is to adjust
the Rrext value or voltage drop across the external resistor. Please see the reference circuit below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com