Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB642
Description  64-megabit 2.7-volt Only Dual-interface DataFlash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB642 Datasheet HTML 4Page - ATMEL Corporation AT45DB642 Datasheet HTML 5Page - ATMEL Corporation AT45DB642 Datasheet HTML 6Page - ATMEL Corporation AT45DB642 Datasheet HTML 7Page - ATMEL Corporation AT45DB642 Datasheet HTML 8Page - ATMEL Corporation AT45DB642 Datasheet HTML 9Page - ATMEL Corporation AT45DB642 Datasheet HTML 10Page - ATMEL Corporation AT45DB642 Datasheet HTML 11Page - ATMEL Corporation AT45DB642 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
AT45DB642
1638F–DFLSH–09/02
MAIN MEMORY PAGE PROGRAM THROUGH BUFFER: This operation is a combination of
the Buffer Write and Buffer to Main Memory Page Program with Built-in Erase operations.
Data is first clocked into buffer 1 or buffer 2 from the input pins (SI or I/O7 - I/O0) and then pro-
grammed into a specified page in the main memory. A 1-byte opcode, 82H for buffer 1 or 85H
for buffer 2, must first be clocked into the device, followed by three address bytes. The
address bytes are comprised of 13 page address bits (PA12 - PA0) that select the page in the
main memory where data is to be written, and 11 buffer address bits (BFA10 - BFA0) that
select the first byte in the buffer to be written. After all address bytes are clocked in, the part
will take data from the input pins and store it in the specified data buffer. If the end of the buffer
is reached, the device will wrap around back to the beginning of the buffer. When there is a
low-to-high transition on the CS pin, the part will first erase the selected page in main memory
to all 1s and then program the data stored in the buffer into that memory page. Both the erase
and the programming of the page are internally self-timed and should take place in a maxi-
mum time of tEP. During this time, the status register and the RDY/BUSY pin will indicate that
the part is busy.
Additional
Commands
MAIN MEMORY PAGE TO BUFFER TRANSFER: A page of data can be transferred from the
main memory to either buffer 1 or buffer 2. To start the operation, a 1-byte opcode, 53H for
buffer 1 and 55H for buffer 2, must be clocked into the device, followed by three address bytes
comprised of 13 page address bits (PA12 - PA0), which specify the page in main memory that
is to be transferred, and 11 don’t carebits. TheCS pin must be low while toggling the
SCK/CLK pin to load the opcode and the address bytes from the input pins (SI or I/O7 - I/O0).
The transfer of the page of data from the main memory to the buffer will begin when the CS pin
transitions from a low to a high state. During the transfer of a page of data (tXFR), the status
register can be read or the RDY/BUSY can be monitored to determine whether the transfer
has been completed.
Block Erase Addressing
PA12
PA11
PA10
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
0
0
0
0000000
X
X
X
0
0
0
0
0000001
X
X
X
1
0
0
0
0000010
X
X
X
2
0
0
0
0000011
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1111100
X
X
X
1020
1
1
1
1111101
X
X
X
1021
1
1
1
1111110
X
X
X
1022
1
1
1
1111111
X
X
X
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com