Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB642
Description  64-megabit 2.7-volt Only Dual-interface DataFlash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB642 Datasheet HTML 1Page - ATMEL Corporation AT45DB642 Datasheet HTML 2Page - ATMEL Corporation AT45DB642 Datasheet HTML 3Page - ATMEL Corporation AT45DB642 Datasheet HTML 4Page - ATMEL Corporation AT45DB642 Datasheet HTML 5Page - ATMEL Corporation AT45DB642 Datasheet HTML 6Page - ATMEL Corporation AT45DB642 Datasheet HTML 7Page - ATMEL Corporation AT45DB642 Datasheet HTML 8Page - ATMEL Corporation AT45DB642 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
AT45DB642
1638F–DFLSH–09/02
Memory Architecture Diagram
Device
Operation
The device operation is controlled by instructions from the host processor. The list of instruc-
tions and their associated opcodes are contained in Tables 1 through 4. A valid instruction
starts with the falling edge of CS followed by the appropriate 8-bit opcode and the desired
buffer or main memory address location. While the CS pin is low, toggling the SCK/CLK pin
controls the loading of the opcode and the desired buffer or main memory address location
through either the SI (serial input) pin or the parallel input pins (I/O7 - I/O0). All instructions,
addresses, and data are transferred with the most significant bit (MSB) first.
Buffer addressing is referenced in the datasheet using the terminology BFA10 - BFA0 to
denote the 11 address bits required to designate a byte address within a buffer. Main memory
addressing is referenced using the terminology PA12 - PA0 and BA10 - BA0, where PA12 -
PA0 denotes the 13 address bits required to designate a page address and BA10 - BA0
denotes the 11 address bits required to designate a byte address within the page.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either
one of the two SRAM data buffers. The DataFlash supports two categories of read modes in
relation to the SCK/CLK signal. The differences between the modes are in respect to the inac-
tive state of the SCK/CLK signal as well as which clock cycle data will begin to be output. The
two categories, which are comprised of four modes total, are defined as Inactive Clock Polarity
Low or Inactive Clock Polarity High and SPI Mode 0 or SPI Mode 3. A separate opcode (refer
to Table 1 for a complete list) is used to select which category will be used for reading. Please
refer to the “Detailed Bit-level Read Timing” diagrams in this datasheet for details on the clock
cycle sequences for each mode.
SECTOR 0 = 8 Pages
8448 bytes (8K + 256)
SECTOR 1 = 248 Pages
261,888 bytes (248K + 7936)
Block = 8448 bytes
(8K + 256)
8 Pages
SECTOR 0
Page = 1056 bytes
(1K + 32)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 8190
PAGE 8191
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
PAGE 8189
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 30
BLOCK 31
BLOCK 32
BLOCK 33
BLOCK 1022
BLOCK 1023
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
SECTOR 32 = 256 Pages
270,336 bytes (256K + 8K)
BLOCK 2
SECTOR 2 = 256 Pages
270,336 bytes (256K + 8K)
SECTOR 31 = 256 Pages
270,336 bytes (256K + 8K)
SECTOR 3 = 256 Pages
270,336 bytes (256K + 8K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com