Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB642
Description  64-megabit 2.7-volt Only Dual-interface DataFlash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB642 Datasheet HTML 1Page - ATMEL Corporation AT45DB642 Datasheet HTML 2Page - ATMEL Corporation AT45DB642 Datasheet HTML 3Page - ATMEL Corporation AT45DB642 Datasheet HTML 4Page - ATMEL Corporation AT45DB642 Datasheet HTML 5Page - ATMEL Corporation AT45DB642 Datasheet HTML 6Page - ATMEL Corporation AT45DB642 Datasheet HTML 7Page - ATMEL Corporation AT45DB642 Datasheet HTML 8Page - ATMEL Corporation AT45DB642 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
Features
• Single 2.7V - 3.6V Supply
• Dual-interface Architecture
– Dedicated Serial Interface (SPI Modes 0 and 3 Compatible)
– Dedicated Parallel I/O Interface (Optional Use)
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 8192 Pages (1056 Bytes/Page) Main Memory
• Supports Page and Block Erase Operations
• Two 1056-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low-power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
• 20 MHz Maximum Clock Frequency – Serial Interface
• 5 MHz Maximum Clock Frequency – Parallel Interface
• Hardware Data Protection
• Commercial and Industrial Temperature Ranges
Description
The AT45DB642 is a 2.7-volt only, dual-interface Flash memory ideally suited for a
wide variety of digital voice-, image-, program code- and data-storage applications. The
dual-interface of the AT45DB642 allows a dedicated serial interface to be connected to a
DSP and a dedicated parallel interface to be connected to a microcontroller or vice versa.
64-megabit
2.7-volt Only
Dual-interface
DataFlash
®
AT45DB642
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK/CLK
Serial Clock/Clock
SI
Serial Input
SO
Serial Output
I/O7 - I/O0
Parallel Input/Output
WP
Hardware Page Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
SER/PAR
Serial/Parallel Interface Control
DataFlash Card
(1)
Note:
1. See AT45DCB008 Datasheet.
76 54321
TSOP Top View
Type 1
Note:
*Optional Use – See pin description
text for connection information.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
NC
NC
RDY/BUSY
RESET
WP
NC
NC
NC
VCC
GND
NC
NC
NC
NC
CS
SCK/CLK
SI*
SO*
NC
NC
NC
NC
NC
NC
NC
I/O7*
I/O6*
I/O5*
I/O4*
VCCP*
GNDP*
I/O3*
I/O2*
I/O1*
I/O0*
SER/PAR*
NC
NC
NC
NC
Rev. 1638F–DFLSH–09/02


Similar Part No. - AT45DB642

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB642 ATMEL-AT45DB642 Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DB642D ATMEL-AT45DB642D Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D ATMEL-AT45DB642D Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D ATMEL-AT45DB642D Datasheet
1Mb / 58P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D-CNU ATMEL-AT45DB642D-CNU Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
More results

Similar Description - AT45DB642

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB1282 ATMEL-AT45DB1282 Datasheet
281Kb / 35P
128-megabit 2.7-volt Dual-interface DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
2-megabit 2.7-volt Only DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB642D ATMEL-AT45DB642D_06 Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB642D ATMEL-AT45DB642D_08 Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D ATMEL-AT45DB642D_09 Datasheet
1Mb / 58P
64-megabit 2.7-volt Dual-interface DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com