Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT45DB642
Description  64-megabit 2.7-volt Only Dual-interface DataFlash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT45DB642 Datasheet HTML 12Page - ATMEL Corporation AT45DB642 Datasheet HTML 13Page - ATMEL Corporation AT45DB642 Datasheet HTML 14Page - ATMEL Corporation AT45DB642 Datasheet HTML 15Page - ATMEL Corporation AT45DB642 Datasheet HTML 16Page - ATMEL Corporation AT45DB642 Datasheet HTML 17Page - ATMEL Corporation AT45DB642 Datasheet HTML 18Page - ATMEL Corporation AT45DB642 Datasheet HTML 19Page - ATMEL Corporation AT45DB642 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16
AT45DB642
1638F–DFLSH–09/02
Test Waveforms and Measurement Levels
Output Test Load
AC Characteristics – Parallel Interface
Symbol
Parameter
Min
Max
Units
fSCK1
CLK Frequency
5MHz
fCAR1
CLK Frequency for Continuous Array Read
3
MHz
fBARSD1
CLK Frequency for Burst Array Read with Synchronous Delay
5
MHz
tWH
CLK High Time
80
ns
t
WL
CLK Low Time
80
ns
t
CS
Minimum CS High Time
250
ns
t
CSS
CS Setup Time
250
ns
tCSH
CS Hold Time
250
ns
tCSB
CS High to RDY/BUSY Low
150
ns
tSU
Data In Setup Time
75
ns
t
H
Data In Hold Time
25
ns
t
HO
Output Hold Time
0
ns
t
DIS
Output Disable Time
55
ns
tV
Output Valid
70
ns
tXFR
Page to Buffer Transfer/Compare Time
700
µs
tEP
Page Erase and Programming Time
20
ms
t
P
Page Programming Time
14
ms
t
PE
Page Erase Time
8ms
t
BE
Block Erase Time
12
ms
tRST
RESET Pulse Width
10
µs
tREC
RESET Recovery Time
1
µs
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
2.0
0.8
2.4V
tR, tF < 3 ns (10% to 90%)
DEVICE
UNDER
TEST
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com