Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT45DB642
Description  64-megabit 2.7-volt Only Dual-interface DataFlash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT45DB642 Datasheet HTML 11Page - ATMEL Corporation AT45DB642 Datasheet HTML 12Page - ATMEL Corporation AT45DB642 Datasheet HTML 13Page - ATMEL Corporation AT45DB642 Datasheet HTML 14Page - ATMEL Corporation AT45DB642 Datasheet HTML 15Page - ATMEL Corporation AT45DB642 Datasheet HTML 16Page - ATMEL Corporation AT45DB642 Datasheet HTML 17Page - ATMEL Corporation AT45DB642 Datasheet HTML 18Page - ATMEL Corporation AT45DB642 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
15
AT45DB642
1638F–DFLSH–09/02
AC Characteristics – Serial/Parallel Interface
Symbol
Parameter
Min
Max
Units
tSPH
SER/PAR Hold Time
100
ns
tSPS
SER/PAR Setup Time
100
ns
AC Characteristics – Serial Interface
Symbol
Parameter
Min
Max
Units
fSCK
SCK Frequency
20
MHz
fCAR
SCK Frequency for Continuous Array Read
15
MHz
fBARSD
SCK Frequency for Burst Array Read with Synchronous Delay
20
MHz
t
WH
SCK High Time
22
ns
t
WL
SCK Low Time
22
ns
t
CS
Minimum CS High Time
250
ns
tCSS
CS Setup Time
250
ns
tCSH
CS Hold Time
250
ns
tCSB
CS High to RDY/BUSY Low
150
ns
t
SU
Data In Setup Time
5
ns
t
H
Data In Hold Time
10
ns
t
HO
Output Hold Time
0
ns
tDIS
Output Disable Time
18
ns
tV
Output Valid
20
ns
tXFR
Page to Buffer Transfer/Compare Time
700
µs
tEP
Page Erase and Programming Time
20
ms
t
P
Page Programming Time
14
ms
t
PE
Page Erase Time
8ms
tBE
Block Erase Time
12
ms
tRST
RESET Pulse Width
10
µs
tREC
RESET Recovery Time
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com