Electronic Components Datasheet Search
  English  ▼

X  

COP840C Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP840C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP840C Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP840C Datasheet HTML 8Page - National Semiconductor (TI) COP840C Datasheet HTML 9Page - National Semiconductor (TI) COP840C Datasheet HTML 10Page - National Semiconductor (TI) COP840C Datasheet HTML 11Page - National Semiconductor (TI) COP840C Datasheet HTML 12Page - National Semiconductor (TI) COP840C Datasheet HTML 13Page - National Semiconductor (TI) COP840C Datasheet HTML 14Page - National Semiconductor (TI) COP840C Datasheet HTML 15Page - National Semiconductor (TI) COP840C Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Reset (Continued)
BROWN OUT RESET
The on-board Brown Out protection circuit resets the device
when the operating voltage (V
CC) is lower than the Brown
Out voltage. The device is held in reset when V
CC stays be-
low the Brown Out Voltage. The device will remain in RESET
as long as V
CC is below the Brown Out Voltage. The Device
will resume execution if V
CC rises above the Brown Out Volt-
age. If a two pin crystal/resonator clock option is selected,
the Brown Out reset will trigger a 256tc delay. This delay al-
lows the oscillator to stabilize before the device exits the re-
set state. The delay is not used if the clock option is either
R/C or external clock. The contents of data registers and
RAM are unknown following a Brown Out reset. The external
reset takes priority over Brown Out Reset and will deactivate
the 256 t
c cycles delay if in progress. The Brown Out reset
takes priority over the WATCHDOG reset.
The following actions occur as a result of Brown Out reset:
Port L
TRI-STATE
Port G
TRI-STATE
Port D
HIGH
PC
CLEARED
RAM Contents
RANDOM
B, X, SP
UNKNOWN
PSW, CNTRL1, CNTRL2
and WDREG Registers
CLEARED
Multi-Input Wakeup Registers
WKEDG, WKEN
CLEARED
WKPND
UNKNOWN
Data and Configuration
Registers forL&G
CLEARED
WATCHDOG Timer
Prescalar/Counter each
loaded with FF
Timer T1 and Accumulator
Unknown data after
coming out of the HALT
(through Brown Out
Reset) with any Clock
option
Note 8: The development system will detect the BROWN OUT RESET ex-
ternally and will force the RESET pin low. The Development System does not
emulate the 256tc delay.
Brown Out Detection
An on-board detection circuit monitors the operating voltage
(V
CC) and compares it with the minimum operating voltage
specified. The Brown Out circuit is designed to reset the de-
vice if the operating voltage is below the Brown Out voltage
(between 1.8V to 4.2V at −40˚C to +85˚C). The Minimum op-
erating voltage for the device is 2.5V with Brown Out dis-
abled, but with BROWN OUT enabled the device is guaran-
teed to operate properly down to minimum Brown Out
voltage (Max frequency 4 MHz), For temperature range of
0˚C to 70˚C the Brown Out voltage is expected to be be-
tween 1.9V to 3.9V. The circuit can be enabled or disabled
by Brown Out mask option. If the device is intended to oper-
ate at lower V
CC (lower than Brown Out voltage VBO max),
the Brown Out circuit should be disabled by the mask option.
The Brown Out circuit may be used as a power-up reset pro-
vided the power supply rise time is slower than 50 µs (0V to
6.0V). Brown Out should not be used at frequencies over 4
MHz (COP840CJ).
Note: Brown Out Circuit is active in HALT mode (with the Brown Out mask
option selected).
Oscillator Circuits
EXTERNAL OSCILLATOR
CKI can be driven by an external clock signal provided it
meets the specified duty cycle, rise and fall times, and input
levels. G7/CKO is available as a general purpose input G7
and/or Halt control.
CRYSTAL OSCILLATOR
By selecting G7/CKO as a clock output, CKI and G7/CKO
can be connected to create a crystal controlled oscillator.
Table 1 shows the component values required for various
standard crystal values.
R/C OSCILLATOR (COP820CJ)
For COP820CJ, selecting CKI as a single pin oscillator, CKI
can make a R/C oscillator. G7/CKO is available as a general
purpose input and/or HALT control.
Table 2 shows variation
in the oscillator frequencies as functions of the component
(R and C) values.
TABLE 1. Crystal Oscillator Configuration
R1
R2
C1
C2
CKI Freq.
Conditions
(k
Ω)(MΩ)
(pF)
(pF)
(MHz)
0
1
30
30–36
10
V
CC =5V
0
1
30
30–36
4
V
CC =5V
5.6
1
100/200
100–156
0.455
V
CC =5V
DS011208-7
FIGURE 5. Clock Oscillator Configurations
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com