Electronic Components Datasheet Search
  English  ▼

X  

COP840C Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP840C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP840C Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button COP840C Datasheet HTML 16Page - National Semiconductor (TI) COP840C Datasheet HTML 17Page - National Semiconductor (TI) COP840C Datasheet HTML 18Page - National Semiconductor (TI) COP840C Datasheet HTML 19Page - National Semiconductor (TI) COP840C Datasheet HTML 20Page - National Semiconductor (TI) COP840C Datasheet HTML 21Page - National Semiconductor (TI) COP840C Datasheet HTML 22Page - National Semiconductor (TI) COP840C Datasheet HTML 23Page - National Semiconductor (TI) COP840C Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Modulator/Timer (Continued)
Comparator
The device has one differential comparator. Ports L0–L2 are
used for the comparator. The output of the comparator is
brought out to a pin. Port L has the following assignments:
L0 Comparator output
L1 Comparator negative input
L2 Comparator positive input
THE COMPARATOR STATUS/CONTROL BITS
These bits reside in the CNTRL2 Register (Address 0CC)
CMPEN Enables comparator (“1” = enable)
CMPRD Reads comparator output internally
(CMPEN = 1, CMPOE=X)
CMPOE Enables comparator output to pin L0
(“1”=enable), CMPEN bit must be set to enable
this function. If CMPEN=0, L0 will be 0.
The Comparator Select/Control bits are cleared on RESET
(the comparator is disabled). To save power the program
should also disable the comparator before the device enters
the HALT mode.
The user program must set up L0, L1 and L2 ports correctly
for comparator Inputs/Output: L1 and L2 need to be config-
ured as inputs and L0 as output. See
Table 9.
TABLE 9. Comparator DC and AC Characteristics
4V
≤ V
CC ≤ 6V, −40˚C ≤ TA ≤ + 85˚C (Note 7)
Parameters
Conditions
Min
Type
Max
Units
Input Offset Voltage
0.4V < V
IN < VCC − 1.5V
±10
±25
mV
Input Common Mode Voltage Range
0.4
V
CC − 1.5
V
Voltage Gain
300k
V/V
DC Supply Current (when enabled)
V
CC = 6.0V
250
µA
Response Time
100 mV Overdrive
60
100
140
ns
500 mV Overdrive
80
125
165
ns
1000 mV Overdrive
135
215
300
ns
Note 12: For comparator output current characteristics see L-Port specs.
DS011208-18
FIGURE 14. Mode 2a: 50% Duty Cycle Output
DS011208-19
DS011208-20
FIGURE 15. Mode 2b: Variable Duty Cycle Output
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com