Electronic Components Datasheet Search
  English  ▼

X  

COP840C Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP840C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP840C Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP840C Datasheet HTML 10Page - National Semiconductor (TI) COP840C Datasheet HTML 11Page - National Semiconductor (TI) COP840C Datasheet HTML 12Page - National Semiconductor (TI) COP840C Datasheet HTML 13Page - National Semiconductor (TI) COP840C Datasheet HTML 14Page - National Semiconductor (TI) COP840C Datasheet HTML 15Page - National Semiconductor (TI) COP840C Datasheet HTML 16Page - National Semiconductor (TI) COP840C Datasheet HTML 17Page - National Semiconductor (TI) COP840C Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Reset (Continued)
input (SI), serial data output (SO) and serial shift clock (SK).
Figure 6 shows the block diagram of the MICROWIRE/PLUS
interface.
The shift clock can be selected from either an internal source
or an external source. Operating the MICROWIRE/PLUS in-
terface with the internal clock source is called the Master
mode of operation. Operating the MICROWIRE/PLUS inter-
face with an external shift clock is called the Slave mode of
operation.
The CNTRL register is used to configure and control the
MICROWIRE/PLUS mode. To use the MICROWIRE/PLUS ,
the MSEL bit in the CNTRL register is set to one. The SK
clock rate is selected by the two bits, SL0 and SL1, in the
CNTRL register.
Table 4 details the different clock rates that
may be selected.
TABLE 4.
SL1
SL0
SK Cycle Time
00
2t
c
01
4t
c
1x
8t
c
where,
tc is the instruction cycle time.
MICROWIRE/PLUS OPERATION
Setting the BUSY bit in the PSW register causes the
MICROWIRE/PLUS arrangement to start shifting the data. It
gets reset when eight data bits have been shifted. The user
may reset the BUSY bit by software to allow less than 8 bits
to shift. The device may enter the MICROWIRE/PLUS mode
either as a Master or as a Slave.
Figure 7 shows how two de-
vice microcontrollers and several peripherals may be inter-
connected using the MICROWIRE/PLUS arrangement.
MASTER MICROWIRE/PLUS OPERATION
In the MICROWIRE/PLUS Master mode of operation the
shift clock (SK) is generated internally by the device. The
MICROWIRE/PLUS Master always initiates all data ex-
changes (
Figure 7). The MSEL bit in the CNTRL register
must be set to enable the SO and SK functions on the G
Port. The SO and SK pins must also be selected as outputs
by setting appropriate bits in the Port G configuration regis-
ter.
Table 5 summarizes the bit settings required for Master
mode of operation.
SLAVE MICROWIRE/PLUS OPERATION
In the MICROWIRE/PLUS Slave mode of operation the SK
clock is generated by an external source. Setting the MSEL
bit in the CNTRL register enables the SO and SK functions
on the G Port. The SK pin must be selected as an input and
the SO pin selected as an output pin by appropriately setting
up the Port G configuration register.
Table 5 summarizes the
settings required to enter the Slave mode of operation.
DS011208-8
FIGURE 6. MICROWIRE/PLUS Block Diagram
DS011208-23
FIGURE 7. MICROWIRE/PLUS Application
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com