Electronic Components Datasheet Search
  English  ▼

X  

COP840C Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP840C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP840C Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button COP840C Datasheet HTML 14Page - National Semiconductor (TI) COP840C Datasheet HTML 15Page - National Semiconductor (TI) COP840C Datasheet HTML 16Page - National Semiconductor (TI) COP840C Datasheet HTML 17Page - National Semiconductor (TI) COP840C Datasheet HTML 18Page - National Semiconductor (TI) COP840C Datasheet HTML 19Page - National Semiconductor (TI) COP840C Datasheet HTML 20Page - National Semiconductor (TI) COP840C Datasheet HTML 21Page - National Semiconductor (TI) COP840C Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
WATCHDOG (Continued)
Modulator/Timer
The Modulator/Timer contains an 8-bit counter and an 8-bit
autoreload register (MODRL address 0CF Hex). The
Modulator/Timer has two modes of operation, selected by
the control bit MC3. The Modulator/Timer Control bits MC1,
MC2 and MC3 reside in CNTRL2 Register.
MODE 1: MODULATOR
The Modulator is used to generate high frequency pulses on
the modulator output pin (L7). The L7 pin should be config-
ured as an output. The number of pulses is determined by
the 8-bit down counter. Under software control the modulator
input clock can be either CKI or tC. The t
c clock is derived by
dividing down the oscillator clock by a factor of 10. Three
control bits (MC1, MC2, and MC3) are used for the
Modulator/Timer output control. When MC2 = 1 and MC3 =
1, CKI is used as the modulator input clock. When MC2 = 0,
and MC3 = 1, t
c is used as the modulator input clock. The
user loads the counter with the desired number of counts
(256 max) and sets MC1 to start the counter. The modulator
autoreload register is loaded with n-1 to get n pulses. CKI or
t
c pulses are routed to the modulator output (L7) until the
counter underflows (
Figure 13). Upon underflow the hard-
ware resets MC1 and stops the counter. The L7 pin goes low
and stays low until the counter is restarted by the user pro-
gram. The user program has the responsibility to timeout the
low time. Unless the number of counts is changed, the user
program does not have to load the counter each time the
counter is started. The counter can simply be started by set-
ting the MC1 bit. Setting MC1 by software will load the
counter with the value of the autoreload register. The soft-
ware can reset MC1 to stop the counter.
MODE 2: PWM TIMER
The counter can also be used as a PWM Timer. In this mode,
an 8-bit register is used to serve as an autoreload register
(MODRL).
a. 50% Duty Cycle:
When MC1 is 1 and MC2, MC3 are 0, a 50% duty cycle free
running signal is generated on the L7 output pin (
Figure 14).
The L7 pin must be configured as an output pin. In this mode
the 8-bit counter is clocked by tC. Setting the MC1 control bit
by software loads the counter with the value of the autore-
load register and starts the counter. The counter underflow
toggles the (L7) output pin. The 50% duty cycle signal will be
continuously generated until MC1 is reset by the user pro-
gram.
DS011208-15
FIGURE 12. WATCHDOG Timer Block Diagram
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com