Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 116Page - National Semiconductor (TI) CS5530 Datasheet HTML 117Page - National Semiconductor (TI) CS5530 Datasheet HTML 118Page - National Semiconductor (TI) CS5530 Datasheet HTML 119Page - National Semiconductor (TI) CS5530 Datasheet HTML 120Page - National Semiconductor (TI) CS5530 Datasheet HTML 121Page - National Semiconductor (TI) CS5530 Datasheet HTML 122Page - National Semiconductor (TI) CS5530 Datasheet HTML 123Page - National Semiconductor (TI) CS5530 Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 241 page
background image
www.national.com
120
Revision 4.1
Functional Description (Continued)
3.7.2
VSA Technology Support Hardware
The CS5530 I/O companion incorporates the required
hardware in order to support the Virtual System Architec-
ture (VSA) technology for capture and playback of audio
using an external codec. This eliminates much of the
hardware traditionally associated with industry standard
audio functions.
XpressAUDIO software provides 16-bit compatible sound.
This software is available to OEMs for incorporation into
the system BIOS ROM.
3.7.2.1
VSA Technology
VSA technology provides a framework to enable software
implementation of traditionally hardware-only compo-
nents. VSA technology software executes in System Man-
agement
Mode
(SMM),
enabling
it
to
execute
transparently to the operating system, drivers and appli-
cations.
The VSA technology design is based upon a simple
model for replacing hardware components with software.
Hardware to be virtualized is merely replaced with simple
access detection circuitry which asserts the SMI# (System
Management Interrupt) pin when hardware accesses are
detected. The current execution stream is immediately
preempted, and the processor enters SMM. The SMM
system software then saves the processor state, initial-
izes the VSA technology execution environment, decodes
the SMI source and dispatches handler routines which
have registered requests to service the decoded SMI
source. Once all handler routines have completed, the
processor
state
is
restored and normal execution
resumes. In this manner, hardware accesses are trans-
parently replaced with the execution of SMM handler soft-
ware.
Historically, SMM software was used primarily for the sin-
gle purpose of facilitating active power management for
notebook designs. That software’s only function was to
manage the power up and down of devices to save
power. With high performance processors now available,
it is feasible to implement, primarily in SMM software, PC
capabilities traditionally provided by hardware. In contrast
to power management code, this virtualization software
generally has strict performance requirements to prevent
application
performance
from
being
significantly
impacted.
3.7.2.2
Audio SMI Related Registers
The SMI related registers consist of:
• Second Level Audio SMI Status Registers
• I/O Trap SMI and Fast Write Status Register
• I/O Trap SMI Enable Register
The Top SMI Status Mirror and Status Registers are the
top level of hierarchy for the SMI Handler in determining
thesource of anSMI. These tworegistersare at
F1BAR+Memory
Offset
00h
(Status
Mirror)
and
F1BAR+Memory Offset 02h (Status). The registers are
identical except that reading the register at F1BAR+Mem-
ory Offset 02h clears the status.
Second Level Audio SMI Status Registers -The sec-
ond level of audio SMI status reporting is set up very
much like the top level. There are two status reporting
registers, one “read only” (mirror) and one “read to clear”.
The data returned by reading either offset is the same
(i.e., SMI was caused by an audio related event). The dif-
ference between F3BAR+Memory Offset 12h (mirror) and
10h is in the ability to clear the SMI source at 10h.
Figure 3-22 shows an SMI tree for checking and clearing
the source of an audio SMI. Only the audio SMI bit is
detailed here. For details regarding the remaining bits in
the Top SMI Status Mirror and Status Registers refer to
Table 4-16 "F1BAR+Memory Offset xxh: SMI Status and
ACPI Timer Registers" on page 180.
I/O Trap SMI and Fast Write Status Register - This 32-
bit read-only register (F3BAR+Memory Offset 14h) not
only indicates if the enabled I/O trap generated an SMI,
but also contains Fast Path Write related bits.
I/O Trap SMI Enable Register - The I/O Trap SMI Enable
Register (F3BAR+Memory Offset 18h) allows traps for
specified I/O addresses and configures generation for I/O
events. It also contains the enabling bit for Fast Path
Write/Read features.
Status Fast Path Read - If enabled, the CS5530 inter-
cepts and responds to reads to several status registers.
This speeds up operations, and prevents SMI generation
for reads to these registers. This process is called Status
Fast Path Read. Status Fast Path Read is enabled via
F3BAR+Memory Offset 18h[4].
In Status Fast Path Read the CS5530 responds to reads
of the following addresses:
388h-38Bh
2x0h, 2x1, 2x2h, 2x3, 2x8 and 2x9h
Note that if neither sound card nor FM I/O mapping is
enabled, then status read trapping is not possible.
Fast Path Write - If enabled, the CS5530 captures cer-
tain writes to several I/O locations. This feature prevents
two SMIs from being asserted for write operations that are
known to take two accesses (the first access is an index
and the second is data). This process is called Fast Path
Write. Fast Path Write is enabled in via F3BAR+Memory
Offset 18h[11].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com