Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 120Page - National Semiconductor (TI) CS5530 Datasheet HTML 121Page - National Semiconductor (TI) CS5530 Datasheet HTML 122Page - National Semiconductor (TI) CS5530 Datasheet HTML 123Page - National Semiconductor (TI) CS5530 Datasheet HTML 124Page - National Semiconductor (TI) CS5530 Datasheet HTML 125Page - National Semiconductor (TI) CS5530 Datasheet HTML 126Page - National Semiconductor (TI) CS5530 Datasheet HTML 127Page - National Semiconductor (TI) CS5530 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 241 page
background image
www.national.com
124
Revision 4.1
Functional Description (Continued)
Table 3-67. Third Level SMI Status Reporting Registers
Bit
Description
F3BAR+Memory Offset 14h-17h
I/O Trap SMI and Fast Write Status Register (RO/RC)
Reset Value = 00000000h
31:24
Fast Path Write Even Access Data (Read Only): These bits contain the data from the last Fast Path Write Even
access. These bits change only on a fast write to an even address.
23:16
Fast Path Write Odd Access Data (Read Only): These bits contain the data from the last Fast Path Write Odd access.
These bits change on a fast write to an odd address, and also on any non-fast write.
15
Fast Write A1 (Read Only): This bit contains the A1 value for the last Fast Write access.
14
Read or Write I/O Access (Read Only): Last trapped I/O access was a read or a write? 0 = Read; 1 = Write.
13
Sound Card or FM Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the Sound Card or
FM I/O Trap? 0 = No; 1 = Yes. (Note)
Fast Path Write must be enabled, F3BAR+Memory Offset 18h[11] = 1, for the SMI to be reported here. If Fast Path Write
is disabled, the SMI is reported in bit 10 of this register.
This is the third level of SMI status reporting.
The second level of SMI status is reported at F3BAR10h/12h[0].
The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation enabling is at F3BAR+Memory Offset 18h[2].
12
DMA Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the DMA I/O Trap?
0 = No;1 =Yes.(Note)
This is the third level of SMI status reporting.
The second level of SMI status is reported at F3BAR10h/12h[0].
The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation enabling is at F3BAR+Memory Offset 18h[8:7].
11
MPU Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the MPU I/O Trap?
0 = No;1 =Yes.(Note)
This is the third level of SMI status reporting.
The second level of SMI status is reported at F3BAR10h/12h[0].
The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation enabling is at F3BAR+Memory Offset 18h[6:5].
10
Sound Card or FM Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the Sound Card or
FM I/O Trap? 0 = No; 1 = Yes. (Note)
Fast Path Write must be disabled, F3BAR+Memory Offset 18h[11] = 0, for the SMI to be reported here. If Fast Path Write
is enabled, the SMI is reported in bit 13 of this register.
This is the third level of SMI status reporting.
The second level of SMI status is reported at F3BAR10h/12h[0].
The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation enabling is at F3BAR+Memory Offset 18h[2].
9:0
X-Bus Address (Read Only): Bits [9:0] contain the captured ten bits of X-Bus address.
Note: For the four SMI status bits (bits [13:10]), if the activity was a fast write to an even address, no SMI is generated regardless of
the DMA, MPU, or sound status. If the activity was a fast write to an odd address, an SMI is generated but bit 13 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com