Electronic Components Datasheet Search
  English  ▼

X  

FT813Q Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT813Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT813Q Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT813Q Datasheet HTML 16Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 17Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 18Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 19Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 20Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 21Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 22Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 23Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
20
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
1st Byte
2nd byte
3rd byte
Command
Description
2h
Pull-Up
3h
Reserved
Byte2[7:2] determine which pin/pin group
to set.
Please refer to the table in command
PINDRIVE entry.
NOTE: Any command code not specified is reserved and should not be used by the software
4.1.6 Interrupts
The interrupt output pin is enabled by REG_INT_EN. When REG_INT_EN is 0, INT_N is tri-state (pulled to
high by external pull-up resistor). When REG_INT_EN is 1, INT_N is driven low when any of the interrupt
flags in REG_INT_FLAGS are high, after masking with REG_INT_MASK. Writing a ‘1’ in any bit of
REG_INT_MASK will enable the corresponding interrupt. Each bit in REG_INT_FLAGS is set by a
corresponding interrupt source. REG_INT_FLAGS is readable by the host at any time, and clears when
read.
The INT_N pin is open-drain (OD) output by default. It can be configured to push-pull output by register
REG_GPIOX.
Table 4-6 Interrupt Flags bit assignment
Bit
7
6
5
4
Interrupt Sources
CONVCOMPLETE
CMDFLAG
CMDEMPTY
PLAYBACK
Conditions
Touch-screen
conversions
completed
Command FIFO
flag
Command FIFO
empty
Audio playback
ended
Bit
3
2
1
0
Interrupt Sources
SOUND
TAG
TOUCH
SWAP
Conditions
Sound effect
ended
Touch-screen tag
value change
touch detected
Display list swap
occurred
4.2 System Clock
4.2.1 Clock Source
The FT81x can be configured to use any of the three clock sources for system clock:
Internal relaxation oscillator clock (default)
External 12MHz crystal
External 12MHz square wave clock
Figure 4-4, Figure 4-5 and Figure 4-6 show the pin connections for these clock options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com