Electronic Components Datasheet Search
  English  ▼

X  

FT813Q Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT813Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT813Q Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT813Q Datasheet HTML 29Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 30Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 31Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 32Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 33Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 34Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 35Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 36Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
33
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
The host controls the TOUCH SCREEN ENGINE operation mode by writing the REG_TOUCH_MODE.
Table 4-17 Resistive Touch Controller Operating Mode
REG_TOUCH_MODE
Mode
Description
0
OFF
Acquisition stopped, only touch detection interrupt is still valid.
1
ONE-SHOT
Perform acquisition once every time the MPU writes '1' to
REG_TOUCH_MODE.
2
FRAME-SYNC
Perform acquisition for every frame sync (~60 data
acquisition/second.
3
CONTINUOUS
Perform acquisition continuously at approximately 1000 data
acquisition / second.
The Touch Screen Engine captures the raw X and Y coordinate and writes to register REG_TOUCH_RAW
XY. The range of these values is 0-1023. If the touch screen is not being pressed, both registers read
65535 (FFFFh).
These touch values are transformed into screen coordinates using the matrix in registers
REG_TOUCH_TRANSFORM_A-F.
The
post-transform
coordinates
are
available
in
register
REG_TOUCH_SCREEN_XY. If the touch screen is not being pressed, both registers read -32768 (8000h).
The values for REG TOUCH TRANSFORM A-F may be computed using an on-screen calibration process.
If the screen is being touched, the screen coordinates are looked up in the screen's tag buffer, delivering
a final 8-bit tag value, in REG TOUCH TAG. Because the tag lookup takes a full frame, and touch
coordinates change continuously, the original (x; y) used for the tag lookup is also available in
REG_TOUCH_TAG_XY.
Screen touch pressure is available in REG_TOUCH_RZ. The value is relative to the resistance of the touch
contact, a lower value indicates more pressure. The register defaults to 32767 when touch is not
detected. The REG_TOUCH_THRESHOLD can be set to accept a touch only when the force threshold is
exceeded.
4.7.2 Capacitive Touch Control
The Capacitive Touch Screen Engine (CTSE) of the FT81x communicates with the external capacitive
touch panel module (CTPM) through an I2C interface. The CTPM will assert its interrupt line when there is
a touch detected. Upon detecting CTP_INT_N line active, the FT81x will read the touch data through I2C.
Up to 5 touches can be reported and stored in FT81x registers.
For a supported CTPM list please consult FTDI website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com