Electronic Components Datasheet Search
  English  ▼

X  

FT813Q Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT813Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT813Q Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT813Q Datasheet HTML 36Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 37Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 38Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 39Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 40Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 41Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 42Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 43Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
40
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
5 Memory Map
All memory and registers in the FT81x core are memory mapped in 22-bit address space with a 2-bit SPI
command prefix. Prefix 0'b00 for read and 0'b10 for write to the address space, 0'b01 is reserved for
Host Commands and 0'b11 undefined. The following are the memory space definition.
Table 5-1 FT81x Memory Map
Start
Address
End
Address
Size
NAME
Description
00 0000h
0F FFFFh
1024 kB
RAM_G
General purpose graphics RAM
1E 0000h
2F FFFBh
1152 kB
ROM_FONT
Font table and bitmap
2F FFFCh
2F FFFFh
4 B
ROM_FONT_ADDR
Font table pointer address
30 0000h
30 1FFFh
8 kB
RAM_DL
Display List RAM
30 2000h
30 2FFFh
4 kB
RAM_REG
Registers
30 8000h
30 8FFFh
4 kB
RAM_CMD
Command buffer
Note 1: The addresses beyond this table are reserved and shall not be read or written unless otherwise
specified.
5.1 Registers
Table 5-2 shows the complete list of the FT81x registers. Refer to FT81x_Series_Programmers_Guide,
Chapter 2 for details of the register function.
Table 5-2 Overview of FT81x Registers
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302000h REG_ID
8 r/o
7Ch Identification register, always reads
as 7Ch
302004h
REG_FRAMES
32 r/o
0 Frame counter, since reset
302008h
REG_CLOCK
32 r/o
0 Clock cycles, since reset
30200Ch
REG_FREQUENCY
28 r/w
60000000 Main clock frequency (Hz)
302010h
REG_RENDERMODE
1 r/w
0 Rendering mode: 0 = normal, 1 =
single-line
302014h
REG_SNAPY
11 r/w
0 Scanline select for RENDERMODE 1
302018h
REG_SNAPSHOT
1 r/w
- Trigger for RENDERMODE 1
30201Ch
REG_SNAPFORMAT
6 r/w
20h Pixel format for scanline readout
302020h
REG_CPURESET
3 r/w
2 Graphics, audio and touch engines
reset control. Bit2: audio, bit1:
touch, bit0: graphics
302024h
REG_TAP_CRC
32 r/o
- Live video tap crc. Frame CRC is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com