Electronic Components Datasheet Search
  English  ▼

X  

FT813Q Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT813Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT813Q Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT813Q Datasheet HTML 1Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 2Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 3Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 4Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
1
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Future Technology Devices
International Ltd.
FT81x
(Advanced Embedded Video Engine)
The FT81x is a series of easy to
use graphic controllers targeted at
embedded applications to generate
high-quality
Human
Machine
Interfaces (HMIs).
It
has
the
following features:
Advanced Embedded Video Engine(EVE)
with high resolution graphics and video
playback
FT81x
functionality
includes
graphic
control, audio control, and touch control
interface.
Pinout backward compatible with FT800
(FT810) and FT801 (FT811).
Support multiple widgets for simplified
design implementation
Built-in graphics operations allow users
with little expertise to create high-quality
displays
Support 4-wire resistive touch screen
(FT810/FT812)
Support capacitive touch screen with up to
5 touches detection (FT811/FT813)
Hardware engine can recognize touch tags
and track touch movement. Provides
notification for up to 255 touch tags.
Enhanced sketch processing
Programmable interrupt controller provides
interrupts to host MCU
Built-in 12MHz crystal oscillator with PLL
providing programmable system clock up
to 60MHz
Clock switch command for internal or
external clock source. External 12MHz
crystal or clock input can be used for
higher accuracy.
Video RGB parallel output; configurable to
support PCLK up to 60MHz and R/G/B
output of 1 to 8 bits
Programmable timing to adjust HSYNC and VSYNC
timing, enabling interface to numerous displays
Support for LCD display with resolution up to SVGA
(800x600) and formats with data enable (DE) mode
or VSYNC/HSYNC mode
Support landscape and portrait orientations
Display enable control output to LCD panel
Integrated 1MByte graphics RAM, no frame buffer
RAM required
Support playback of motion-JPEG encoded AVI
videos
Mono audio channel output with PWM output
Built-in sound synthesizer
Audio wave playback for mono 8-bit linear PCM, 4-
bit ADPCM and µ-Law coding format at sampling
frequencies from 8kHz to 48kHz. Built-in digital filter
reduces the system design complexity of external
filtering
PWM output for display backlight dimming control
Advanced object oriented architecture enables low
cost MPU/MCU as system host using SPI interfaces
Support SPI data lines in single, dual or quad mode;
SPI clock up to 30MHz
Power mode control allows the chip to be put in
power down, sleep and standby states
Supports I/O voltage from 1.8V to 3.3V
Internal voltage regulator supplies 1.2V to the digital
core
Build-in Power-on-reset circuit
-40°C to 85°C extended operating temperature
range
Available in a compact Pb-free, VQFN-48 and VQFN-
56 package, RoHS compliant


Similar Part No. - FT813Q

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
FT813Q-R BRIDGETEK-FT813Q-R Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
FT813Q-T BRIDGETEK-FT813Q-T Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
More results

Similar Description - FT813Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com