Electronic Components Datasheet Search
  English  ▼

X  

FT813Q Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT813Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT813Q Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT813Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 9Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 10Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 11Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 12Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
9
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
3.5 Pin Description
Table 3-1 FT81x pin description
Pin Number
Pin Name
Type
Description
FT810 FT811 FT812 FT813
-
-
1
1
R1
O
Bit 1 of Red RGB signals
Powered from pin VCCIO2
-
-
2
2
R0
O
Bit 0 of Red RGB signals
Powered from pin VCCIO2
1
1
3
3
AUDIO_L
O
Audio PWM out
Powered from pin VCC
2
2
4
4
GND
P
Ground
3
3
5
5
SCK
I
SPI clock input
Powered from pin VCCIO1
4
4
6
6
MISO/IO1
I/O
SPI Single mode: SPI MISO output
SPI Dual/Quad mode: SPI data line 1
Powered from pin VCCIO1
5
5
7
7
MOSI/IO0
I/O
SPI Single mode: SPI MOSI input
SPI Dual/Quad mode: SPI data line 0
Powered from pin VCCIO1
6
6
8
8
CS_N
I
SPI slave select input
Powered from pin VCCIO1
7
7
9
9
GPIO0/IO2
I/O
SPI Single/Dual mode: General purpose IO 0
SPI Quad mode: SPI data line 2
Powered from pin VCCIO1
8
8
10
10
GPIO1/IO3
I/O
SPI Single/Dual mode: General purpose IO 1
SPI Quad mode: SPI data line 3
Powered from pin VCCIO1
9
9
11
11
VCCIO1
P
I/O power supply for host interface pins.
Support 1.8V, 2.5V or 3.3V.
10
10
12
12
GPIO2
I/O
General purpose IO 2
Powered from pin VCCIO1
11
11
13
13
INT_N
OD/
O
Interrupt to host, open drain output(default) or
push-pull output, active low
12
12
14
14
PD_N
I
Chip power down mode control input, active
low. Connect to MCU GPIO for power
management or hardware reset function, or
pulled up to VCCIO1 through 47kΩ resistor and
100nF to ground.
Powered from pin VCCIO1
-
-
15
15
GPIO3
I/O
General purpose IO 3
Powered from pin VCCIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com