Electronic Components Datasheet Search
  English  ▼

X  

FT813Q Datasheet(PDF) 43 Page - Future Technology Devices International Ltd.

Part # FT813Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT813Q Datasheet(HTML) 43 Page - Future Technology Devices International Ltd.

Back Button FT813Q Datasheet HTML 39Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 40Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 41Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 42Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 43Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 44Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 45Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 46Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 47Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
43
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
3020FCh
REG_CMD_WRITE
12 r/o
0 Command buffer write pointer
302100h
REG_CMD_DL
13 r/w
0 Command display list offset
302104h
REG_TOUCH_MODE
2 r/w
3 Touch-screen sampling mode
302108h
REG_TOUCH_ADC_MODE
REG_CTOUCH_EXTENDED
1 r/w
1 Set Touch ADC mode
Set capacitive touch operation
mode:
0: extended mode (multi-touch)
1: FT800 compatibility mode (single
touch).
30210Ch
REG_TOUCH_CHARGE
16 r/w
9000 Touch charge time, units of 6 clocks
302110h
REG_TOUCH_SETTLE
4 r/w
3 Touch settle time, units of 6 clocks
302114h
REG_TOUCH_OVERSAMPL
E
4 r/w
7 Touch oversample factor
302118h
REG_TOUCH_RZTHRESH
16 r/w
FFFFh Touch resistance threshold
30211Ch
REG_TOUCH_
RAW_XY
REG_CTOUCH_TOUCH1_X
Y
32 r/o
- Compatibility mode: touch-screen
raw (x-MSB16; y-LSB16)
Extended mode: touch-screen
screen data for touch 1 (x-MSB16;
y-LSB16)
302120h
REG_TOUCH_RZ
REG_CTOUCH_TOUCH4_Y
16 r/o
-
Compatibility mode: touch-screen
resistance
Extended mode: touch-screen
screen Y data for touch 4
302124h
REG_TOUCH_
SCREEN_XY
REG_CTOUCH_TOUCH0_X
Y
32 r/o
- Compatibility mode: touch-screen
screen (x-MSB16; y-LSB16)
Extended mode: touch-screen
screen data for touch 0 (x-MSB16;
y-LSB16)
302128h
REG_TOUCH_
TAG_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16) used for tag 0 lookup
30212Ch
REG_TOUCH_TAG
8 r/o
- Touch-screen tag result 0
302130h
REG_TOUCH_
TAG1_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16) used for tag 1 lookup
302134h
REG_TOUCH_TAG1
8 r/o
- Touch-screen tag result 1
302138h
REG_TOUCH_
TAG2_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16) used for tag 2 lookup
30213Ch
REG_TOUCH_TAG2
8 r/o
- Touch-screen tag result 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com