Electronic Components Datasheet Search
  English  ▼

X  

FT813Q Datasheet(PDF) 46 Page - Future Technology Devices International Ltd.

Part # FT813Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT813Q Datasheet(HTML) 46 Page - Future Technology Devices International Ltd.

Back Button FT813Q Datasheet HTML 42Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 43Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 44Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 45Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 46Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 47Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 48Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 49Page - Future Technology Devices International Ltd. FT813Q Datasheet HTML 50Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
46
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
6 Devices Characteristics and Ratings
6.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT81x device are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Table 6-1 Absolute Maximum Ratings
Parameter
Value
Unit
Storage Temperature
-65 to +150
°C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 (IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40 to +85
°C
VCC Supply Voltage
0 to +4
V
VCCIO Supply Voltage
0 to +4
V
DC Input Voltage
-0.5 to + (VCCIO + 0.3)
V
* If the devices are stored out of the packaging, beyond this time limit, the devices should be baked
before use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
6.2 ESD and Latch-up Specifications
Table 6-2 ESD and Latch-Up Specifications
Description
Specification
Human Body Mode (HBM)
> ± 2kV
Machine mode (MM)
> ± 200V
Charged Device Mode (CDM)
> ± 500V
Latch-up
> ± 200mA
6.3 DC Characteristics
Table 6-3 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCIO1/
VCCIO2
VCCIO operating
supply voltage
1.62
1.80
1.98
V
Normal Operation
2.25
2.50
2.75
V
2.97
3.30
3.63
V
VCC
VCC operating supply
voltage
2.97
3.30
3.63
V
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com