Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 50Page - Texas Instruments TUSB3410 Datasheet HTML 51Page - Texas Instruments TUSB3410 Datasheet HTML 52Page - Texas Instruments TUSB3410 Datasheet HTML 53Page - Texas Instruments TUSB3410 Datasheet HTML 54Page - Texas Instruments TUSB3410 Datasheet HTML 55Page - Texas Instruments TUSB3410 Datasheet HTML 56Page - Texas Instruments TUSB3410 Datasheet HTML 57Page - Texas Instruments TUSB3410 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
7–8
BIT
FUNCTION
RESET
NAME
7
LCD
0
During loopback, this bit reflects the status of MCR[3] (see Figure 7–1).
LCD = 0
LCD = 0
CD input is high
CD input is low
7.1.9
DLL: Divisor Register Low Byte (Addr:FFA7)
This register contains the low byte of the baud-rate divisor.
765
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
08h
Low-byte value of the 16-bit divisor for generation of the baud clock in the baud-rate generator.
7.1.10 DLH: Divisor Register High Byte (Addr:FFA8)
This register contains the high byte of the baud-rate divisor.
765
4
3
2
1
0
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7–0
D[15:8]
00h
High-byte value of the 16-bit divisor for generation of the baud clock in the baud-rate generator.
7.1.11 Baud-rate Calculation
The following formulas are used to calculate the baud-rate clock and the divisors. The baud-rate clock is derived from
the 96-MHz master clock (dividing by 6.5). The table below presents the divisors used to achieve the desired baud
rates, together with the associate rounding errors.
Baud CLK
+ 96 MHz
6.5
+ 14.76923077 MHz
Divisor
+ 14.76923077
106
Baud Rate
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com