Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 64Page - Texas Instruments TUSB3410 Datasheet HTML 65Page - Texas Instruments TUSB3410 Datasheet HTML 66Page - Texas Instruments TUSB3410 Datasheet HTML 67Page - Texas Instruments TUSB3410 Datasheet HTML 68Page - Texas Instruments TUSB3410 Datasheet HTML 69Page - Texas Instruments TUSB3410 Datasheet HTML 70Page - Texas Instruments TUSB3410 Datasheet HTML 71Page - Texas Instruments TUSB3410 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
10–4
•
The data from the device is latched into the I2CDAI register (stop condition is transmitted).
•
The RXF bit in the I2CSTA register is set and interrupts the MCU, indicating that data are available.
•
The MCU reads the I2CDAI register. This clears the RXF bit (I2CSTA[RXF] = 0)
•
End
10.5 Byte-Write Operation
The byte-write operation involves three phases: device address + EPROM [high byte] phase, EPROM [low byte]
phase, and EPROM [DATA] phase. The following describes the sequence of events to accomplish the byte-write
transaction.
Device Address + EPROM [High Byte]
•
The MCU sets I2CSTA[SWR] = 0. This forces the I2C controller to not generate a stop condition after the
contents of the I2CDAO register are transmitted.
•
The MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
•
The MCU writes the high byte of the E2PROM address into the I2CDAO register (this starts the transfer
on the SDA line).
•
The TXE bit in the I2CSTA register is cleared (indicates busy).
•
The contents of the I2CADR register are transmitted to the device (preceded by start condition on SDA).
•
The contents of the I2CDAO register are transmitted to the device (E2PROM high address).
•
The TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register
contents have been transmitted.
EPROM [Low Byte]
•
The MCU writes the low byte of the E2PROM address into the I2CDAO register.
•
The TXE bit in the I2CSTA register is cleared (indicating busy).
•
The contents of the I2CDAO register are transmitted to the device (E2PROM address).
•
The TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register
contents have been transmitted.
EPROM [DATA]
•
The MCU sets I2CSTA[SWR] = 1. This forces the I2C controller to generate a stop condition after the
contents of I2CDAO register are transmitted.
•
The The data to be written to E2PROM is written by the MCU into the I2CDAO register.
•
The TXE bit in the I2CSTA register is cleared (indicates busy).
•
The contents of the I2CDAO register are transmitted to the device (E2PROM data).
•
The TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register
contents have been transmitted.
•
The I2C controller generates a stop condition after the contents of the I2CDAO register are transmitted.
•
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com