Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 55Page - Texas Instruments TUSB3410 Datasheet HTML 56Page - Texas Instruments TUSB3410 Datasheet HTML 57Page - Texas Instruments TUSB3410 Datasheet HTML 58Page - Texas Instruments TUSB3410 Datasheet HTML 59Page - Texas Instruments TUSB3410 Datasheet HTML 60Page - Texas Instruments TUSB3410 Datasheet HTML 61Page - Texas Instruments TUSB3410 Datasheet HTML 62Page - Texas Instruments TUSB3410 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
8–1
8 Expanded GPIO Port
8.1
Input/Output and Control Registers
The TUSB3410 has four general-purpose I/O pins (P3.0, P3.1, P3.3, P3.4) that are controlled by firmware running
on the MCU. Each pin can be controlled individually and each is implemented with a 12-mA push/pull Cmos output
with tristate control plus input. The MCU treats the outputs as open drain types in that the output can be driven low
continuously, but a high output is driven for two clock cycles and then the output is tristated.
An input pin can be read using the MOV instruction. For example, MOV C,P3.3 reads the input on P3.3. As a
precaution, be certain the associated output is tristated before reading the input.
An output can be set high (and then tristated) using the SETB instruction. For example, SETB P3.1 sets P3.1 high.
An output can be set low using the CLR instruction, as in CLR P3.4, which sets P3.4 low (driven continuously until
changed).
Each GPIO pin has an associated internal pullup resistor. It is strongly recommended that the pullup resistor remain
connected to the pin to prevent oscillations in the input buffer. The only exception is if an external source always drives
the input.
8.1.1
PUR_3: GPIO Pullup Register For Port 3 (Addr:FF9E)
765
4
3
2
1
0
RSV
RSV
RSV
RSV
Pin3
RSV
Pin1
Pin0
R/O
R/O
R/O
R/W
R/W
R/O
R/W
R/W
BIT
NAME
RESET
FUNCTION
0–7
Pin N
(N = 0 to 7)
0
The MCU may write to this register. If the MCU sets this bit to 1, the pullup resistor is disconnected from
the pin. If the MCU clears this bit to 0, the pullup resistor is connected to the pin. The pullup resistor is
connected to the VCC power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com