Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 62Page - Texas Instruments TUSB3410 Datasheet HTML 63Page - Texas Instruments TUSB3410 Datasheet HTML 64Page - Texas Instruments TUSB3410 Datasheet HTML 65Page - Texas Instruments TUSB3410 Datasheet HTML 66Page - Texas Instruments TUSB3410 Datasheet HTML 67Page - Texas Instruments TUSB3410 Datasheet HTML 68Page - Texas Instruments TUSB3410 Datasheet HTML 69Page - Texas Instruments TUSB3410 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
10–2
10.1.2 I2CADR: I2C Address Register (Addr:FFF3)
This register holds the device address and the read/write command bit.
765
4
3
2
1
0
A6
A5
A4
A3
A2
A1
A0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
R/W
0
Read/write command bit
R/W = 0
R/W = 1
Write operation
Read operation
7–1
A[6:0]
0h
Seven address bits for device addressing
10.1.3 I2CDAI: I2C Data-Input Register (Addr:FFF2)
This register holds the received data from an external device.
765
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0
8-bit input data from an I2C device
10.1.4 I2CDAO: I2C Data-Output Register (Addr:FFF1)
This register holds the data to be transmitted to an external device. Writing to this register starts the transfer on the
SDA line.
765
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
W/O
W/O
W/O
W/O
W/O
W/O
W/O
W/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0
8-bit output data to an I2C device
10.2 Random-Read Operation
A random read requires a dummy byte-write sequence to load in the data word address. Once the device-address
word and the data-word address are clocked out and acknowledged by the device, the MCU starts a current-address
sequence. The following describes the sequence of events to accomplish this transaction.
Device Address + EPROM [High Byte]
•
The MCU sets I2CSTA[SRD] = 0. This forces the I2C controller not to generate a stop condition after the
contents of the I2CDAI register are received.
•
The MCU sets I2CSTA[SWR] = 0. This forces the I2C controller not to generate a stop condition after the
contents of the I2CDAO register are transmitted.
•
The MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation)
•
The MCU writes the high byte of the E2PROM address into the I2CDAO register (this starts the transfer on
the SDA line).
•
The TXE bit in the I2CSTA register is cleared (indicates busy).
•
The content of the I2CADR register is transmitted to E2PROM (preceded by start condition on SDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com