Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 57Page - Texas Instruments TUSB3410 Datasheet HTML 58Page - Texas Instruments TUSB3410 Datasheet HTML 59Page - Texas Instruments TUSB3410 Datasheet HTML 60Page - Texas Instruments TUSB3410 Datasheet HTML 61Page - Texas Instruments TUSB3410 Datasheet HTML 62Page - Texas Instruments TUSB3410 Datasheet HTML 63Page - Texas Instruments TUSB3410 Datasheet HTML 64Page - Texas Instruments TUSB3410 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
9–1
9 Interrupts
9.1
8052 Interrupt and Status Registers
All 8052 standard, five interrupt sources are preserved. SIE is the standard interrupt-enable register that controls the
five interrupt sources. All the additional interrupt sources are ORed together to generate EX0. The XINTO signal is
provided to interrupt an external MCU (see Figure 9–1).
Table 9–1. 8052 Interrupt Location Map
INTERRUPT SOURCE
DESCRIPTION
START ADDRESS
COMMENTS
ES
UART interrupt
0023H
ET1
Timer-1 interrupt
001BH
EX1
External interrupt-1
0013H
ET0
Timer-0 interrupt
000BH
EX0
External interrupt-0
0003H
Used for all internal peripherals
Reset
0000H
9.1.1
8052 Standard Interrupt Enable (SIE) Register
765
4
3
2
1
0
EA
X
X
ES
ET1
EX1
ET0
EX0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
EX0
0
Enable or disable external interrupt-0
EX0 = 1
EX0 = 1
External interrupt-0 is disabled
External interrupt-0 is enabled
1
ET0
0
Enable or disable timer-0 interrupt
ET0 = 0
ET0 = 1
Timer-0 interrupt is disabled
Timer-0 interrupt is enabled
2
EX1
0
Enable or disable external interrupt-1
EX1 = 0
EX1 = 1
External interrupt-1 is disabled
External interrupt-1 is enabled
3
ET1
0
Enable or disable timer-1 interrupt
ET1 = 0
EX1 = 1
Timer-1 interrupt is disabled
Timer-1 interrupt is enabled
4
ES
0
Enable or disable serial port interrupts
ES = 0
ES = 1
Serial-port interrupt is disabled
Serial-port interrupt is enabled
5, 6
RSV
0
Reserved
7
EA
0
Enable or disable all interrupts (global disable)
EA = 0
EA = 1
Disable all interrupts
Each interrupt source is individually controlled
9.1.2
Additional Interrupt Sources
All nonstandard 8052 interrupts (DMA, I2C, etc.) are ORed to generate an internal INT0. Note, the external INT0 is
not used. Furthermore, the INT0 must be programmed as an active low-level interrupt (not edge triggered). A vector
interrupt register is provided to identify all interrupt sources (see VECINT: vector-interrupt register). Up to 64 interrupt
vectors are provided. It is the responsibility of the MCU to read the vector and dispatch to the proper interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com