Electronic Components Datasheet Search
  English  ▼

X  

UM3243EESS Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM3243EESS Datasheet HTML 1Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 2Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 3Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 4Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 5Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
5/22
UM3243
Electrical Characteristics (Continued)
(VCC=+3.0V to +5.5V, C1- C4=0.1μF, TA=TMIN to TMAX, unless otherwise noted. Typical values are at
TA=25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ to 7kΩ,
CL = 50pF to 1000pF,
One Transmitter Switching
250
kbps
Receiver Propagation
Delay
tPLH, tPHL
CL = 150pF
Figure 4
All Parts,
Normal
Operation
0.15
μs
Receiver Skew
|tPHL-tPLH|
0.1
μs
Receiver Output
Enable Time
tEN
CL = 150pF, RL = 3kΩ
Figure 5
0.2
μs
Receiver Output
Disable Time
tDIS
0.2
μs
Transmitter
Propagation Delay
tPLH, tPHL
RL = 3kΩ, CL = 2500pF,
All Transmitters Loaded
Figure 3
1.3
μs
Transmitter Skew
|tPHL-tPLH|
0.25
μs
Transition-Region
Slew Rate
SR(tr)
TA = +25°C, VCC = 3.3V,
RL = 3kΩ to 7kΩ, CL = 50pF
to 1000pF, Measured from
-3V to +3V or +3V to -3V,
Figure 2
5
15
30
V/μs
ESD AND LATCH UP PERFORMANCE
RIN_, TOUT_
ESD-Protection
Voltage
Human Body Model
±15
kV
IEC61000-4-2,
Contact Discharge
±8
Other Pins
ESD-Protection
Voltage
Human Body Model
±2
kV
Latch Up Performance
JEDEC Standard No.78D
±200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com