Electronic Components Datasheet Search
  English  ▼

X  

UM3243EESS Datasheet(PDF) 16 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 16 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 15Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 16Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 17Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 18Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 19Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 20Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
16/22
UM3243
RS-232 Transmitters
The transmitters are inverting level translators that convert CMOS-logic levels to EIA/TIA-232 levels.
They guarantee a 250kbps data rate with worst-case loads of 3kΩ in parallel with 1000pF, providing
compatibility with PC-to-PC communication software. Transmitters can be paralleled to drive
multiple receivers. In Power-Off mode (See Table 1), the transmitters are disabled and the outputs are
forced into a high-impedance state.
Dual Charge Pump Voltage Converter and Capacitor Selection
The UM3243’s internal power supply consists of a regulated dual charge pump that provides output
voltages of +6V (doubling charge pump) and -6V (inverting charge pump), over the +3.0V to +5.5V
VCC range. The charge pump operates in discontinuous mode: if the output voltage is less than 6V, the
charge pump is enabled; if the output voltage exceeds 6V, the charge pump is disabled. The charge
pump requires a flying capacitor (C1, C2) and a reservoir capacitor (C3, C4) to generate the V+ and
V- supplies.
The capacitor type used for C1–C4 is not critical for proper operation; either polarized or
non-polarized capacitors may be used. The charge pump requires 0.1μF capacitors for 3.3V operation.
For other supply voltages, refer to Table 4 for required capacitor values. Do not use values smaller
than those listed in Table 4. Increasing the capacitor values (e.g., by a factor of 2) reduces ripple on
the transmitter outputs and slightly reduces power consumption. When using the minimum required
capacitor values, make sure the capacitor value does not degrade excessively with temperature. If in
doubt, use capacitors with a larger nominal value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and influences the amount of ripple on V+ and V-.
Table 4. Required Capacitor Values
VCC (V)
C1, C2, C3, C4 (μF)
3.15 to 3.6
0.1
4.5 to 5.5
0.1
3.0 to 5.5
0.47
2.4 to 3.0
0.47
High Data Rates
The UM3243 maintains the RS-232 ±5.0V minimum transmitter output voltage even at high data rates.
Figure 10 shows a transmitter loopback test circuit. Figure 11 shows a loopback test result at 120kbps,
and Figure 12 shows the same test at 250kbps. For Figure 11, all three transmitters were driven
simultaneously at 120kbps into RS-232 loads in parallel with 1000pF. For Figure 12, a single
transmitter was driven at 250kbps, and all three transmitters were loaded with an RS-232 receiver in
parallel with 1000pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com