Electronic Components Datasheet Search
  English  ▼

X  

UM3243EESS Datasheet(PDF) 12 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 12 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 15Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 16Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
12/22
UM3243
Parameter Measurement Information
Input
Output
tTHL
3V
0V
tTLH
3V
-3V
3V
-3V
VOH
VOL
VOLTAGE WAVEFORMS
Generator
(see Note B)
50
Ω
3V
FORCEOFF
RL
CL
(see Note A)
RS-232
Output
TEST CIRCUIT
TLH
THL
t
or
t
V
tr
SR
6
)
(
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO=50Ω, 50% duty cycle, tr≤10ns, tf≤10ns.
Figure 2. Transmitter Slew Rate
Generator
(see Note B)
50
Ω
3V
FORCEOFF
RL
CL
(see Note A)
RS-232
Output
TEST CIRCUIT
Input
Output
tPHL
3V
0V
tPLH
50%
VOH
VOL
VOLTAGE WAVEFORMS
1.5V
50%
1.5V
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR=250kbit/s, ZO=50Ω, 50% duty cycle, tr≤10ns, tf≤10ns.
Figure 3. Transmitter Pulse Skew
Generator
(see Note B)
50
Ω
3V
FORCEOFF
CL
(see Note A)
Output
TEST CIRCUIT
3V or 0V
FORCEON
Input
Output
tPHL
3V
-3V
tPLH
50%
VOH
VOL
VOLTAGE WAVEFORMS
1.5V
50%
1.5V
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO=50Ω, 50% duty cycle, tr≤10ns, tf≤10ns.
Figure 4. Receiver Propagation Delay Times
Generator
(see Note B)
50
Ω
3V or 0V
FORCEOFF
CL
(see Note A)
TEST CIRCUIT
3V or 0V
FORCEON
Output
RL
GND
S1
VCC
Input
1.5V
1.5V
3V
-3V
tPHZ
(S1 at GND)
tPZH
(S1 at GND)
VOH
Output
0.3V
tPLZ
(S1 at VCC)
tPZL
(S1 at VCC)
50%
50%
VOL
0.3V
Output
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO=50Ω, 50% duty cycle, tr≤10ns, tf≤10ns.
C. tPLZ and tPHZ are the same as tdis.
D. tPZL and tPZH are the same as ten.
Figure 5. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com