Electronic Components Datasheet Search
  English  ▼

X  

UM3243EESS Datasheet(PDF) 14 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 14 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 15Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 16Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 17Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 18Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
14/22
UM3243
Typical Operating Circuits
C1+
C1-
C2+
C2-
TIN1
TIN2
TIN3
ROUT2B
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
FORCEON
FORCEOFF
INVALID
GND
25
5k
Ω
RIN5
5k
Ω
5k
Ω
5k
Ω
5k
Ω
RIN4
RIN3
RIN2
RIN1
TOUT3
TOUT2
TOUT1
V-
V+
VCC
26
27
3
9
10
11
4
5
6
7
8
21
22
23
15
16
17
18
19
20
12
13
14
2
1
24
28
+3.3V
0.1µF
C1+
0.1µF
0.1µF
0.1µF
0.1µF
C2
LOGIC
INPUTS
LOGIC
OUTPUTS
VCC
TO POWER
MANAGEMENT UNIT
RS-232
INPUTS
RS-232
OUTPUTS
C4
C3
UM3243
+
+
+
+
Figure 7
Application Information
RS-232 Receivers
The UM3243’s receivers convert RS-232 signals to CMOS-logic output levels. All receivers have
inverting three-state outputs and can be active or inactive. The UM3243’s receivers are
high-impedance when the part is in Forced Power-Off mode (FORCEOFF
_____________________
=low).
The UM3243 features an always-active complementary output (ROUT2B). ROUT2B monitors
receiver activity while the other receivers are high-impedance. This allows Ring Indicator to be
monitored without forward biasing other devices connected to the receiver outputs. This is ideal for
systems where VCC drops to 0 in Power-Off to accommodate peripherals such as UARTs (Figure 8).
The UM3243 features an INVALID
_________________
output that is enabled low when no valid RS-232 signal levels
have been detected on all receiver inputs. INVALID
_________________
is functional in any mode (Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com