Electronic Components Datasheet Search
  English  ▼

X  

UM3243EESS Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
10/22
UM3243
Function Tables
Table 1. Each Transmitter (Note 2)
INPUTS
OUTPUT
TRANSMITTER STATUS
TIN
FORCEON
FORCEOFF
______________________
VALID RIN
RS-232 LEVEL
TOUT
X
X
L
X
Z
Forced Power-Off
L
H
H
X
H
Normal Operation
with Forced Power-On
H
H
H
X
L
L
L
H
Yes
H
Normal Operation
with Auto Power-On
H
L
H
Yes
L
X
L
H
No
Z
Auto Power-Off
Note 2: H=high level, L=low level, X=irrelevant, Z=high impedance
Table 2. Each Receiver (Note 3)
INPUTS
OUTPUT
RECEIVER STATUS
RIN
FORCEON
FORCEOFF
______________________
ROUT
X
X
L
Z
Forced Power-Off
L
X
H
H
Normal Operation
H
X
H
L
Open
X
H
H
Table 3. ROUT2B and Outputs INVALID
________________
(Note 3)
INPUTS
OUTPUTS
OUTPUT STATUS
VALID RIN
RS-232 LEVEL
RIN2
FORCEON
FORCEOFF
______________________
INVALID
_________________
ROUT2B
Yes
L
X
X
H
L
Always Active
Yes
H
X
X
H
H
Yes
Open
X
X
H
L
No
Open
X
X
L
L
Note 3: H=high level, L=low level, X=irrelevant, Z=high impedance (off), Open=input disconnected
or connected driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com